Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSH13005AF Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSH13005AF
Description  Switch Mode series NPN silicon Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSH13005AF Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSH13005AF Datasheet HTML 1Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 2Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 3Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 4Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Switch Mode series NPN silicon Power Transistor
KSH13005AF
Switch Mode series NPN silicon Power Transistor
- High voltage, high speed power switching
- Suitable for switching regulator, inverters motor controls
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector Emitter Voltage
VCBO
V
700
400
V
V
4 Amperes
NPN Silicon Power Transistor
75 Watts
Absolute Maximum Ratings TC=25℃ unless otherwise noted
TO-220F
1. Base
2. Collector
3. Emitter
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
VCEO
VEBO
IC
ICP
IB
PC
TJ
TSTG
400
9
4
8
2
30
150
-65~150
V
V
A
A
A
W
℃
℃
1 2
3
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Emitter Breakdown Voltage
VCEO
IC=10mA, IB=0
400
V
Emitter Cut-off Current
IEBO
VEB=9V,IC=0
1
㎃
*DC Current Gain
hFE1
hFE2
VCE=5V,IC=1A
VCE=5V,IC=2A
10
8
60
40
Electrical Characteristics TC=25℃ unless otherwise noted
hFE2
VCE 5V,IC 2A
8
40
*Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A,IB=0.2A
IC=2A,IB=0.5A
IC=4A,IB=1A
0.5
0.6
1
V
V
V
*Base-Emitter Saturation Voltage
VBE(sat)
IC=1A,IB=0.2A
IC=2A,IB=0.5A
1.2
1.6
V
V
Output Capacitance
Cob
VCB=10V, f=0.1MHz
65
㎊
Current Gain Bandwidth Product
fT
VCE=10V,IC=0.5A
4
㎒
T
CE
, C
Turn on Time
ton
Vcc=125V, Ic=2A
IB1=0.4A, IB2= -0.4A
RL=62.5Ω
0.8
㎲
Storage Time
tstg
4.0
㎲
Fall Time
tF
0.9
㎲
* Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
S
S
SemiHow Symbol
Package Mark information.
R
19 ~ 28
Note.
◎ SEMIHOW REV.A1,Oct 2007
S
YWW
Z
KSH13005AF
S
Se
o Sy bo
YWW
Y; year code, WW; week code
Z
hFE1 Classification
hFE1
Classification
R
19
28
O
26 ~ 35
Y
33 ~ 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com