Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSH13009AF Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSH13009AF
Description  Switch Mode series NPN silicon Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSH13009AF Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSH13009AF Datasheet HTML 1Page - SemiHow Co.,Ltd. KSH13009AF Datasheet HTML 2Page - SemiHow Co.,Ltd. KSH13009AF Datasheet HTML 3Page - SemiHow Co.,Ltd. KSH13009AF Datasheet HTML 4Page - SemiHow Co.,Ltd. KSH13009AF Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Switch Mode series NPN silicon Power Transistor
KSH13009AF
Switch Mode series NPN silicon Power Transistor
- High voltage, high speed power switching
- Suitable for switching regulator, inverters motor controls
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector Emitter Voltage
VCBO
V
700
400
V
V
Absolute Maximum Ratings TC=25℃ unless otherwise noted
TO-220F
1. Base
2. Collector
3. Emitter
12 Amperes
NPN Silicon Power Transistor
100 Watts
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
VCEO
VEBO
IC
ICP
IB
PC
TJ
TSTG
400
9
12
24
6
50
150
-65~150
V
V
A
A
A
W
℃
℃
1 2
3
Electrical Characteristics TC=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Emitter Sustaining Voltage
VCEO(sus)
IC=10mA, IB=0
400
V
Emitter Cut-off Current
IEBO
VEB=9V,IC=0
1
㎃
*DC Current Gain
hFE1
hFE2
VCE=5V,IC=5A
VCE=5V,IC=8A
8
6
40
30
FE2
CE
, C
*Collector-Emitter Saturation Voltage
VCE(sat)
IC=5A,IB=1A
IC=8A,IB=1.6A
IC=12A,IB=3A
1
1.5
3
V
V
V
*Base-Emitter Saturation Voltage
VBE(sat)
IC=5A,IB=1A
IC=8A,IB=1.6A
1.2
1.6
V
V
Output Capacitance
Cob
VCB=10V, f=0.1MHz
180
㎊
Current Gain Bandwidth Product
fT
VCE=10V,IC=0.5A
4
㎒
* Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
Turn on Time
ton
Vcc=125V, Ic=8A
IB1=1.6A, IB2= -1.6A
RL=15.6Ω
1.1
㎲
Storage Time
tstg
3
㎲
Fall Time
tF
0.7
㎲
Note.
Package Mark information.
S
S
SemiHow Symbol
R8 ~ 17
◎ SEMIHOW REV.A0,Oct 2007
YWW
Z
KSH13009AF
YWW
Y; year code, WW; week code
Z
hFE1 Classification
hFE1
Classification
O
15 ~ 28
Y
26 ~ 39
Y1(26~33), Y2(31~39)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com