Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6638G Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6638G Datasheet HTML 9Page - Silicon Standard Corp. SS6638G Datasheet HTML 10Page - Silicon Standard Corp. SS6638G Datasheet HTML 11Page - Silicon Standard Corp. SS6638G Datasheet HTML 12Page - Silicon Standard Corp. SS6638G Datasheet HTML 13Page - Silicon Standard Corp. SS6638G Datasheet HTML 14Page - Silicon Standard Corp. SS6638G Datasheet HTML 15Page - Silicon Standard Corp. SS6638G Datasheet HTML 16Page - Silicon Standard Corp. SS6638G Datasheet HTML 17Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.SiliconStandard.com
13 of 19
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 50
SS6638-50G Output Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
No Load
Fig. 51
SS6638-50G Switching Frequency vs. Temperature
Temperature (
°C)
-40
-
20
0
20
40
60
80
100
40
60
80
100
120
140
160
Fig. 52
SS6638-50G Maximum Duty Cycle vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
70
72
74
76
78
80
Fig. 53
SS6638-50G SW Turn ON Resistance vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
10
20
30
40
50
60
70
80
90
100
Fig. 54
SS6638-50G Supply Current vs. Temperature
Temperature (
°C)
V
OUT
50mV/div
100mA
Load Step
50mA/div
Fig. 55
Load Transient Response
(L1=100µH, C2=47µF, VIN=2V)
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com