Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3N80 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD3N80
Description  800V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD3N80 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD3N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 8Page - SemiHow Co.,Ltd. HFD3N80 Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
◎ SEMIHOW REV.A0,Dec 2005
BV
DSS = 800 V
R
DS(on) typ = 4.0 Ω
I
D = 2.5 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 17 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 4.0 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HFD3N80/HFU3N80
800V N-Channel MOSFET
Dec 2005
D-PAK
1.Gate 2. Drain 3. Source
I-PAK
HFD3N80
HFU3N80
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
1.78
℃/W
RθJA
Junction-to-Ambient*
--
50
RθJA
Junction-to-Ambient
--
110
* When mounted on the minimum pad size recommended (PCB Mount)
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
800
V
I
D
Drain Current
– Continuous (T
C = 25℃)
2.5
A
Drain Current
– Continuous (T
C = 100℃)
1.57
A
I
DM
Drain Current
– Pulsed
(Note 1)
10
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
320
mJ
I
AR
Avalanche Current
(Note 1)
2.5
A
E
AR
Repetitive Avalanche Energy
(Note 1)
7.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25℃) *
2.5
W
Power Dissipation (T
C = 25℃)
- Derate above 25℃
70
W
0.56
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
2
1
2
3
1
3


Similar Part No. - HFD3N80

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD3N80 SEMIHOW-HFD3N80_16 Datasheet
388Kb / 10P
800V N-Channel MOSFET
More results

Similar Description - HFD3N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com