Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31C Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # TIP31C
Description  Medium Power Linear Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

TIP31C Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  TIP31C Datasheet HTML 1Page - SemiHow Co.,Ltd. TIP31C Datasheet HTML 2Page - SemiHow Co.,Ltd. TIP31C Datasheet HTML 3Page - SemiHow Co.,Ltd. TIP31C Datasheet HTML 4Page - SemiHow Co.,Ltd. TIP31C Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
◎ SEMIHOW REV.A0,Oct 2007
TIP31/31A/31B/31C
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
: TIP31
: TIP31A
: TIP31B
: TIP31C
V
CBO
40
60
80
100
V
V
V
V
Collector-Emitter Voltage : TIP31
: TIP31A
: TIP31B
: TIP31C
V
CEO
40
60
80
100
V
V
V
V
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Ta=25℃)
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
V
EBO
I
C
I
CP
I
B
P
C
P
C
T
J
T
STG
5
3
5
1
2
40
150
-65~150
V
A
A
A
W
W
℃
℃
Absolute Maximum Ratings T
a=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Max
Unit
Collector-Emitter Sustaining Voltage
: TIP31
: TIP31A
: TIP31B
: TIP31C
V
CEO(SUS)
I
C=30mA, IB=0
40
60
80
100
V
V
V
V
Collector Cut-off Current
: TIP31/31A
: TIP31B/31C
I
CEO
V
CE=30V,IB=0
V
CE=60V,IB=0
0.3
0.3
㎃
㎃
Collector Cut-off Current
: TIP31
: TIP31A
: TIP31B
: TIP31C
I
CES
V
CE=40V,VEB=0
V
CE=60V,VEB=0
V
CE=80V,VEB=0
V
CE=100V,VEB=0
200
200
200
200
㎂
㎂
㎂
㎂
Emitter Cut-off Current
I
EBO
V
EB=5V,IC=0
1
㎃
*DC Current Gain
h
FE
V
CE=4V,IC=1A
V
CE=4V,IC=3A
25
10
50
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=3A,IB=375mA
1.2
V
*Base-Emitter ON Voltage
V
BE(on)
V
CE=4V,IC=3A
1.8
V
Output Capacitance
f
T
V
CE=10V,IC=500mA,f=1㎒
3.0
㎒
Electrical Characteristics T
a=25℃ unless otherwise noted
TO-220
1. Base
2. Collector
3. Emitter
1 2
3
Medium Power Linear Switching Applications
- Complement to TIP32/32A/32B/32C
PNP Epitaxial
Silicon Darlington
Transistor
* Pulse Test: PW
≤300us, Duty Cycle≤2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com