Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP122 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # TIP122
Description  Monolithic Construction With Built In Base-Emitter Shunt Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

TIP122 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  TIP122 Datasheet HTML 1Page - SemiHow Co.,Ltd. TIP122 Datasheet HTML 2Page - SemiHow Co.,Ltd. TIP122 Datasheet HTML 3Page - SemiHow Co.,Ltd. TIP122 Datasheet HTML 4Page - SemiHow Co.,Ltd. TIP122 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
◎ SEMIHOW REV.A0,Oct 2007
TIP120/121/122
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
: TIP120
: TIP121
: TIP122
V
CBO
60
80
100
V
V
V
Collector-Emitter Voltage : TIP120
: TIP121
: TIP122
V
CEO
60
80
100
V
V
V
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Ta=25℃)
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
V
EBO
I
C
I
CP
I
B
P
C
P
C
T
J
T
STG
5
5
8
120
2
65
150
-65~150
V
A
A
㎃
W
W
℃
℃
Absolute Maximum Ratings T
a=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Max
Unit
Collector-Emitter Sustaining Voltage
: TIP120
: TIP121
: TIP122
V
CEO(SUS)
I
C=100mA, IB=0
60
80
100
V
V
V
Collector Cut-off Current
: TIP120
: TIP121
: TIP122
I
CEO
V
CE=30V,IB=0
V
CE=40V,IB=0
V
CE=50V,IB=0
0.5
0.5
0.5
㎃
㎃
㎃
Collector Cut-off Current
: TIP120
: TIP121
: TIP122
I
CBO
V
CE=60V,IE=0
V
CE=80V,IE=0
V
CE=100V,IE=0
0.2
0.2
0.2
㎃
㎃
㎃
Emitter Cut-off Current
I
EBO
V
EB=5V,IC=0
2
㎃
DC Current Gain
h
FE
V
CE=3V,IC=0.5A
V
CE=3V,IC=3A
1000
1000
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=3A,IB=12mA
I
C=5A,IB=20mA
2
4
V
V
Base-Emitter ON Voltage
V
BE(on)
V
CE=3V,IC=3A
2.5
V
Output Capacitance
C
ob
V
CB=10V,IE=0, f=0.1MHz
200
㎊
Electrical Characteristics T
a=25℃ unless otherwise noted
TO-220
1. Base
2. Collector
3. Emitter
1 2
3
Monolithic Construction With Built In
Base-Emitter Shunt Resistors
- High DC Current Gain : hFE=1000 @ VCE= 4V, IC= 3A (Min.)
- Collector-Emitter Sustaining Voltage
- Low Collector-Emitter Saturation Voltage
- Industrial Use
- Complementary to TIP125/126/127
PNP Epitaxial
Silicon Darlington
Transistor
Equivalent Circuit
* Pulse Test: PW
≤300us, Duty Cycle≤2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com