Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC36-R15M Datasheet(PDF) 3 Page - Productwell Precision Elect.CO.,LTD

Part # EC36-R15M
Description  CONFORMAL COATED INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

EC36-R15M Datasheet(HTML) 3 Page - Productwell Precision Elect.CO.,LTD

  EC36-R15M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD EC36-R15M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD EC36-R15M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD EC36-R15M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD EC36-R15M Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
l SELECTION GUIDE FOR STANDARD COILS
PART NO
INDUCTANCE
(uH)
TOLERANCE
(%)
Q
MIN.
TEST
FREQ
(MHz)
DC
RESISTANCE
(
Ω)MAX
RATED DC
CURRENT
(mA)MAX
S.R.F
FREQ
(MHz)MIN.
EC24-1R0M
EC24-1R2M
EC24-1R5M
EC24-1R8M
EC24-2R2M
1.0
1.2
1.5
1.8
2.2
±20%
±20%
±20%
±20%
±20%
45
50
50
55
55
7.96
7.96
7.96
7.96
7.96
0.18
0.20
0.22
0.24
0.27
800
730
700
670
660
93
86
80
75
70
EC24-2R7M
EC24-3R3M
EC24-3R9M
EC24-4R7M
EC24-5R6M
2.7
3.3
3.9
4.7
56
±20%
±20%
±20%
±20%
±20%
55
60
65
70
70
7.96
7.96
7.96
7.96
7.96
0.30
0.34
0.36
0.38
0.40
650
600
570
550
520
67
63
43
37
32
EC24-6R8M
EC24-8R2M
EC24-100K
EC24-120K
EC24-150K
6.8
8.2
10
12
15
±20%
±10%
±10%
±10%
±10%
60
60
60
50
50
7.96
7.96
7.96
2.52
2.52
0.45
0.50
0.60
0.65
0.74
500
460
460
380
340
25
16.5
14
12.5
11
EC24-180K
EC24-220K
EC24-270K
EC24-330K
EC24-390K
18
22
27
33
39
±10%
±10%
±10%
±10%
±10%
50
45
45
45
45
2.52
2.52
2.52
2.52
2.52
0.80
0.85
0.95
1.10
1.90
320
310
290
280
220
8.5
6.8
4.8
4.2
4.2
EC24-470K
EC24-560K
EC24-680K
EC24-820K
EC24-101K
47
56
68
82
100
±10%
±10%
±10%
±10%
±10%
45
40
40
40
40
2.52
2.52
2.52
2.52
2.52
2.10
2.30
2.50
2.70
3.40
200
200
190
180
150
4.2
4.1
3.8
3.5
3.2
EC24-121K
EC24-151K
EC24-181K
EC24-221K
EC24-271K
120
150
180
220
270
±10%
±10%
±10%
±10%
±10%
55
45
50
55
50
0.796
0.796
0.796
0.796
0.796
4.70
5.00
5.65
6.15
7.10
150
130
130
120
120
2.5
2.3
2.2
2.0
1.8
EC24-331K
EC24-391K
EC24-471K
EC24-561K
EC24-681K
330
390
470
560
680
±10%
±10%
±10%
±10%
±10%
50
50
50
50
50
0.796
0.796
0.796
0.796
0.796
7.70
10.45
11.90
13.25
15.10
110
100
90
90
80
1.7
1.6
1.5
1.4
1.3
EC24-821K
EC24-102K
EC24-122K
EC24-152K
EC24-182K
820
1000
1200
1500
1800
±10%
±10%
±10%
±10%
±10%
45
40
30
30
30
0.796
0.796
0.252
0.252
0.252
20.0
21.0
32.0
44.0
50.0
60
60
55
45
40
1.2
0.9
0.82
0.76
0.68
EC24-222K
EC24-272K
EC24-332K
EC24-392K
EC24-472K
2200
2700
3300
3900
4700
±10%
±10%
±10%
±10%
±10%
30
30
30
30
30
0.252
0.252
0.252
0.252
0.252
54.0
61.0
68.0
74.0
80.0
45
35
35
30
30
0.52
0.4
0.28
0.12
0.10
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
ECXX SERIES
CONFORMAL COATED INDUCTORS
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com