Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC36-R22M Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # EC36-R22M
Description  CONFORMAL COATED INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

EC36-R22M Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  EC36-R22M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
l SELECTION GUIDE FOR STANDARD COILS
PART NO
INDUCTANCE
(uH)
TOLERANCE
(%)
Q
MIN.
TEST
FREQ
(MHz)
DC
RESISTANCE
(
Ω)MAX
RATED DC
CURRENT
(mA)MAX
S.R.F
FREQ
(MHz)MIN.
EC36-R10M
EC36-R12M
EC36-R15M
EC36-R18M
EC36-R22M
0.10
0.12
0.15
0.18
0.22
±20%
±20%
±20%
±20%
±20%
50
50
50
50
50
25.2
25.2
25.2
25.2
25.2
0.20
0.20
0.25
0.30
0.40
460
445
440
430
400
170
170
165
160
150
EC36-R27M
EC36-R33M
EC36-R39M
EC36-R47M
EC36-R56M
0.27
0.33
0.39
0.47
0.56
±20%
±20%
±20%
±20%
±20%
35
35
35
35
35
25.2
25.2
25.2
25.2
25.2
0.43
0.48
0.51
0.56
0.61
380
370
350
330
320
150
150
150
150
150
EC36-R68M
EC36-R82M
EC36-1R0K
EC36-1R2K
EC36-1R5K
0.68
0.82
1.00
1.20
1.50
±20%
±20%
±10%
±10%
±10%
35
35
35
45
45
25.20
25.20
25.20
7.96
7.96
0.67
0.74
0.80
0.90
1.00
310
290
270
260
250
150
150
150
140
130
EC36-1R8K
EC36-2R2K
EC36-2R7K
EC36-3R3K
EC36-3R9K
1.8
2.2
2.7
3.3
3.9
±10%
±10%
±10%
±10%
±10%
45
45
45
45
45
7.96
7.96
7.96
7.96
7.96
1.10
1.20
1.30
1.40
1.60
240
230
220
210
200
120
100
100
90
60
EC36-4R7K
EC36-5R6K
EC36-6R8K
EC36-8R2K
EC36-100K
4.7
5.6
6.8
8.2
10.0
±10%
±10%
±10%
±10%
±10%
45
45
45
45
45
7.96
7.96
7.96
7.96
7.96
1.70
1.90
2.20
2.20
2.50
190
180
175
165
160
50
40
30
25
20
EC36-120K
EC36-150K
EC36-180K
EC36-220K
EC36-270K
12
15
18
22
27
±10%
±10%
±10%
±10%
±10%
45
45
45
45
45
2.52
2.52
2.52
2.52
2.52
2.50
3.10
3.10
3.40
4.30
150
145
140
130
125
15
15
13
9
7
EC36-330K
EC36-390K
EC36-470K
EC36-560K
EC36-680K
33
39
47
56
68
±10%
±10%
±10%
±10%
±10%
45
45
45
45
45
2.52
2.52
2.52
2.52
2.52
4.70
5.20
5.80
6.40
7.20
110
115
140
130
125
6.0
6.0
6.0
6.0
6.5
EC36-820K
EC36-101K
EC36-121K
EC36-151K
EC36-181K
82
100
120
150
180
±10%
±10%
±10%
±10%
±10%
45
45
45
45
45
2.520
2.520
0.796
0.796
0.796
11.0
12.0
13.0
16.0
18.0
95
90
90
85
80
5.5
4.5
3.5
3.5
3.0
EC36-221K
EC36-271K
EC36-331K
EC36-391K
EC36-471K
220
270
330
390
470
±10%
±10%
±10%
±10%
±10%
45
45
45
45
45
0.796
0.796
0.796
0.796
0.796
20.0
22.0
22.0
22.0
22.0
75
65
60
55
55
3.0
2.5
2.5
2.3
2.2
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
ECXX SERIES
CONFORMAL COATED INDUCTORS
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com