Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB451616B310 Datasheet(PDF) 11 Page - Productwell Precision Elect.CO.,LTD

Part # MB451616B310
Description  MULTILAYER CHIP BEADS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MB451616B310 Datasheet(HTML) 11 Page - Productwell Precision Elect.CO.,LTD

Back Button MB451616B310 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 8Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 9Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 10Page - Productwell Precision Elect.CO.,LTD MB451616B310 Datasheet HTML 11Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
● PACKING
●
1. TAPE DIMENSIONS AND PACKING QUANTITY
TYPE
A
B
W
P
T
CHIPS/REEL
MB453215
3.6
4.9
12
8
1.9
1000
MB451616
1.9
4.9
12
4
2.0
2000
MB322513
2.9
3.6
8
4
1.7
2000
MB321616
1.9
3.5
8
4
2.0
2000
MB321611
1.9
3.5
8
4
1.5
3000
MB201209
1.5
2.3
8
4
1.3
4000
MB160808
1.1
1.9
8
4
1.1
4000
Material: Paper, Plastic
2.
REEL DIMENSION
DIMENSION
W=8 mm
W=12mm
A
178
±2
178
±2
B
13.0
±0.8
13.0
±0.8
C
21.0
±0.8
21.0
±0.8
D
75
75
E
12.5
16.5
F
10.0
14.0
MB SERIES
MULTILAYER CHIP BEADS
P
A
T
05
05
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com