Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6641-30CSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6641-30CSTR
Description  Low Voltage Step-Up DC/DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641-30CSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6641-30CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6641-30CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.SiliconStandard.com
3 of 13
SS6641

$"
ELECTRICAL CHARACTERISTICS! "#$°°°°%&"'()% 
*+

  

,&-.
/0.
,1. -& 
'
6342 78I2D
6342 :I2D
6342 ::I7
6342 ;I:

73::
77;
:72D
4D8;
78
:
::
;
7838
:8;
::D7
;27;

0
?'


D

 
0I29B→7


D


 
0I29B7→
! 


3

? 0" 0I
0

2D

µ
"2
6342 78
6342 :
6342 ::
6342 ;
E19I$;
,0"
"='1*>
0

4;
;
3
D

µ
"7
6342 78
6342 :
6342 ::
6342 ;
E19IG;
,0"
"='1*>
0

8
8
8
8

µ
#/A


272
274
278

E1JK' A
6342 78
6342 :
6342 ::
6342 ;
IL4
A!

:
7
2D;
2:

Ω
E1JK' A
6342 78
6342 :
6342 ::
6342 ;
I4
A 

22
D
8
3

Ω
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com