Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150 Datasheet(PDF) 3 Page - Productwell Precision Elect.CO.,LTD

Part # 150
Description  SHIELDED SMT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

150 Datasheet(HTML) 3 Page - Productwell Precision Elect.CO.,LTD

  150 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
l ELECTRICAL SPECIFICATIONS
SPRI1204
SPRI1205
SPRI1207
Freq.
RDC
IDC
Freq.
RDC
IDC
Freq.
RDC
IDC
Parts
No.
Inductance
Hz
Ω
A
Hz
Ω
A
Hz
Ω
A
1R2
1.2uH
100 K
7m
9.80
1R3
1.3uH
7.96 M
12m
8.00
2R1
2.1uH
7.96 M
14m
7.00
2R4
2.4uH
100 K
12m
8.00
2R9
2.9uH
3R1
3.1uH
7.96 M
17m
6.00
3R5
3.5uH
100 K
14m
7.50
3R9
3.9uH
100 K
15m
6.50
4R4
4.4uH
7.96 M
20m
5.00
4R7
8.2uH
100 K
16m
6.80
5R5
5.5uH
100 K
18m
5.70
5R8
5.8uH
7.96 M
21m
4.40
6R1
6.1uH
100 K
18m
6.60
6R8
6.8uH
100 K
23m
4.90
7R5
7.5uH
7.96 M
24m
4.20
7R6
7.6uH
100 K
20m
5.90
100
10uH
100 K
28m
4.50
1 K
25m
4.00
1 K
22m
5.40
120
12uH
100 K
38m
4.00
1 K
27m
3.50
1 K
25m
4.90
150
15uH
100 K
50m
3.20
1 K
30m
3.30
1 K
27m
4.50
180
18uH
100 K
57m
3.10
1 K
34m
3.00
1 K
40m
3.90
220
22uH
100 K
66m
2.90
1 K
36m
2.80
1 K
44m
3.60
270
27uH
100 K
80m
2.80
1 K
51m
2.30
1 K
46m
3.40
330
33uH
100 K
97m
2.70
1 K
57m
2.10
1 K
65m
3.00
390
39uH
100 K
132m
2.10
1 K
68m
2.00
1 K
73m
2.75
470
47uH
100 K
150m
1.90
1 K
75m
1.80
1 K
0.10
2.50
560
56uH
100 K
190m
1.80
1 K
0.11
1.70
1 K
0.11
2.35
680
68uH
100 K
220m
1.50
1 K
0.12
1.50
1 K
0.14
2.10
820
82uH
100 K
260m
1.30
1 K
0.14
1.40
1 K
0.16
1.95
101
100uH
100 K
308m
1.20
1 K
0.16
1.30
1 K
0.22
1.70
121
120uH
100 K
0.38
1.10
1 K
0.17
1.10
1 K
0.25
1.60
151
150uH
100 K
0.53
0.95
1 K
0.23
1.00
1 K
0.28
1.42
181
180uH
100 K
0.62
0.85
1 K
0.29
0.90
1 K
0.35
1.30
221
220uH
100 K
0.70
0.80
1 K
0.40
0.80
1 K
0.39
1.16
271
270uH
100 K
0.87
0.60
1 K
0.46
0.75
1 K
0.56
1.06
331
330uH
100 K
0.99
0.50
1 K
0.51
0.68
1 K
0.64
0.95
391
390uH
1 K
0.69
0.65
1 K
0.70
0.88
471
470uH
1 K
0.77
0.58
1 K
0.98
0.79
561
560uH
1 K
0.86
0.54
1 K
1.07
0.73
681
680uH
1 K
1.20
0.48
1 K
1.46
0.67
821
820uH
1 K
1.34
0.43
1 K
1.64
0.60
※ The rated current indicates the current when the inductance decreases to 75% over of it's
nominal value or DC. current when the temperature rising
△t=40℃ lower, whichever is lower
SPRI SERIES
SHIELDED SMT POWER INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
49



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com