Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI160808-R15 Datasheet(PDF) 6 Page - Productwell Precision Elect.CO.,LTD

Part # MI160808-R15
Description  MULTILAYER CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MI160808-R15 Datasheet(HTML) 6 Page - Productwell Precision Elect.CO.,LTD

  MI160808-R15 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD MI160808-R15 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD MI160808-R15 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MI160808-R15 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MI160808-R15 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MI160808-R15 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
●
PACKING
1. TAPE DIMENSIONS AND PACKING QUANTITY
TYPE
A
B
W
P
T
CHIPS/REEL
MI321616
1.9
3.5
8
4
2.0
2000
MI321611
1.9
3.5
8
4
1.5
3000
MI201212
1.5
2.3
8
4
1.6
3000
MI201209
1.5
2.3
8
4
1.3
4000
MI160812
1.1
1.9
8
4
1.5
3000
MI160808
1.1
1.9
8
4
1.1
4000
Material: Paper, Plastic
2.
REEL DIMENSION
DIMENSION
W=8 mm
W=12mm
A
178
±2
178
±2
B
13.0
±0.8
13.0
±0.8
C
21.0
±0.8
21.0
±0.8
D
75
75
E
12.5
16.5
F
10.0
14.0
MI SERIES
MULTILAYER CHIP INDUCTORS
P
A
T
05
05
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com