Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6640-33CSTB Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6640-33CSTB
Description  Low Voltage Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640-33CSTB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6640-33CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6640-33CSTB Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS6640

.   9    
6=# >
>
$
=0
K
/
K

>
=.
K
>


=
K
7=>
#







+
−
+
=

.9 6

()
−
+
−
+
≅
−
+
−
+
−
+
−
+
=


























/
0

>M





=
K
7
$
N0
K

>


=



/
0


 C 


&#  $"%" &#
/       
9     6
#9& 
6 
     5 
  'B  9   
&$
 612     $ 
 $
5  'B  9   
5 3"$5
  -
5,
*  *$  59 
5     & &
&&
.   9    
   'B 9 +    
&
()










!
/
K



7
$
0
K
K



>
/
K

@
@
$=
0
K
@
@

.
≅
 −
≅
+
−
−
+
=

=6>9 

/
>
@
=@
L



∗
+
=

!
.
K

7
0
 =

( 6&
6
>

0
=
K
>
=.
K
>


=

(





"
−
+
=

5
)5.'-9(#*
.+&
5
 −
−
+
−
−
−
+
=
7
$
0
/
K
7


.
K
7
$





.
#










!

=.5>
 −
−
−
−
−
−
+
=
7
$
0
/
K
7


.
K
7
$





.
#

"












Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com