Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6650CSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6650CSTR
Description  High-Efficiency, Inverting DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6650CSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6650CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6650CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6650CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6650CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6650CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6650CSTR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.SiliconStandard.com
4 of 6
SS6650

!"PIN DESCRIPTIONS
6E 6  2 # )F.
6E ?'!?(    ). 7#
&@µ!
G68 2   # 
     &
<µ
61E  & &&


 H<)* .>


 G68)& *.


  &  * 8B 
8%&& 3 
6E !7 !9      
    
? ?
  #  &    3 
E

  A)?=?.+
6<E G68   
6;E8B839  
 8% &   + 
&  $2!'5 B& 
  +  6   
>?7
(* &   8% ?7 3 
   >   
6     7# 
  & ?7 3 > ((#
*0
6@E 8% 83      
(&+  & 
$2!'5(& 6 
 
64E    *   5& 
 * & & 9  
 3 3  *
&+ &
!"APPLICATION INFORMATIONS




















 
! "
µ
µ
µ
µ
µ
µ
µ
µ


5&#     
3 3  (   ( 8  #
'((#  *0# 
     & 5& ( 
(* 3  (*&
* *3 E

A  




−×
×
×

6  E



>+



 


≥×






A








×
<





β =

?7 ≅ 1++) 4.
&>).>).>).>)µ%.>?)Ω.
 
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com