Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPRI383832-R82M Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # SPRI383832-R82M
Description  SHIEDED SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPRI383832-R82M Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  SPRI383832-R82M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPRI383832-R82M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPRI383832-R82M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPRI383832-R82M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPRI383832-R82M Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
l DIMENSIONS (mm)
TYPE
A
B
C
D(REF)
SPRI383807
3.8
±0.1
3.8
±0.1
0.7
±0.1
1.2
SPRI383815
3.8
±0.1
3.8
±0.1
1.5
±0.1
1.2
SPRI383820
3.8
±0.1
3.8
±0.1
2.0
±0.1
1.2
SPRI383832
3.8
±0.1
3.8
±0.1
3.2
±0.1
1.2
SPRI SERIES
SHIEDED SMD POWER INDUCTORS
MECHANICALS
CONSTRUCTION
l FEATURE
1. Five sizes of shielded drum core
inductances with low profiles(as low
as1.2mm)and high power density.
2. Inductance range : 0.47uH to 1000uH .
3. Current range : 6.00 Amps to 0.094Amps
4. Ferrite shielded ,low EMI
l APPLICATIONS
1 .Digital cameras.CD players, cellular
phones,and PDAs
特性
1. 具有小側面高功率密度(低至
1.2mm)5 種尺寸屏蔽式電感
2. 電感范圍﹕0.47 微亨 to 1000 微亨
3. 電流范圍﹕6.00 安培 to 0.094 安培
4. 鐵氧體屏蔽﹐低電磁干擾
用途
1. 數碼相機﹐CD 機,微型電話﹐掌中寶
C
A
D
l PART NUMBERING SYSTEM (品名規定)
S P R I
3 8 3 8 0 7
-
1 0 0
M
1
2
3
4
SHIELDED SMT
DIMENSIONS
INDUTANCE
TOLERANCE
POWER INDUCTORS
A、B、C DIM
10*10
0=10uH
J :
±5% K: ±10% L±15%
M:
±20% P: ±25% N: ±30
闭磁路贴片式功率电感
(DR+RI 型磁芯)
尺寸
電感值
公差
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
51


Similar Part No. - SPRI383832-R82M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPRI0603 PRODUCTWELL-SPRI0603 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
SPRI060403 PRODUCTWELL-SPRI060403 Datasheet
111Kb / 4P
SHIELDED SMD POWER INDUCTORS
SPRI060403-100M PRODUCTWELL-SPRI060403-100M Datasheet
111Kb / 4P
SHIELDED SMD POWER INDUCTORS
SPRI060403-101M PRODUCTWELL-SPRI060403-101M Datasheet
111Kb / 4P
SHIELDED SMD POWER INDUCTORS
SPRI060403-102M PRODUCTWELL-SPRI060403-102M Datasheet
111Kb / 4P
SHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPRI383832-R82M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
logo
TDK Electronics
VLS252010T-1R0N TDK-VLS252010T-1R0N Datasheet
97Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shieded)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com