Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTHHPB Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # PTHHPB
Description  POTENTIOMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

PTHHPB Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  PTHHPB Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號): PTHHPB/C/G/R
►Download PDF file
Features:(特點):
• 6*6mm square
• push trave1 0.25mm, Clear click feeling
• Wide selection with or without ground terminal toppush type with sanp-in terminals.
• Wave soldering applicable
Applications(作用):
Operating button switches for Audio visual, OA, Communication equipment, Measurement
instruments
Dimensions(規格圖 ):
Operating Force:
Model
Operating force
Model
Operating force
Model
Operating force
Model
Operating force
PTHHPB
100gf
PTHHPC
130gf
PTHHPG
160gf
PTHHPR
260gf
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - PTHHPB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
PANDUIT CORP.
PTH PANDUIT-PTH Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
logo
Fortex Engineering Ltd
PTH-0.6TOOL FORTEX-PTH-0.6TOOL Datasheet
799Kb / 3P
PTH400 FAVORIT THROUGH HOLE MECHANICAL PRESS
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI2-PTH03000W Datasheet
446Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
More results

Similar Description - PTHHPB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
Trimming Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
RJ26FW202 BOURNS-RJ26FW202 Datasheet
136Kb / 1P
Trimming Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com