Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25642PI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X25642PI
Description  Advanced SPI Serial E 2 PROM with Block Lock TM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25642PI Datasheet(HTML) 4 Page - Xicor Inc.

  X25642PI Datasheet HTML 1Page - Xicor Inc. X25642PI Datasheet HTML 2Page - Xicor Inc. X25642PI Datasheet HTML 3Page - Xicor Inc. X25642PI Datasheet HTML 4Page - Xicor Inc. X25642PI Datasheet HTML 5Page - Xicor Inc. X25642PI Datasheet HTML 6Page - Xicor Inc. X25642PI Datasheet HTML 7Page - Xicor Inc. X25642PI Datasheet HTML 8Page - Xicor Inc. X25642PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
X25642
4
Write-Protect Enable
The Write-Protect-Enable (WPEN) is available for the
X25642 as a nonvolatile enable bit for the WP pin.
7037 FRM T05
The Write Protect (WP) pin and the nonvolatile Write
Protect Enable (WPEN) bit in the Status Register
control the programmable hardware write protect
feature. Hardware write protection is enabled when WP
pin is LOW, and the WPEN bit is “1”. Hardware write
protection is disabled when either the WP pin is HIGH
or the WPEN bit is “0”. When the chip is hardware write
protected, nonvolatile writes are disabled to the Status
Register, including the Block Protect bits and the
WPEN bit itself, as well as the block-protected sections
in the memory array. Only the sections of the memory
array that are not block-protected can be written.
Note: Since the WPEN bit is write protected, it cannot
be changed back to a “0”, as long as the WP pin
is held LOW.
Clock and Data Timing
Data input on the SI line is latched on the rising edge
of SCK. Data is output on the SO line by the falling
edge of SCK.
Read Sequence
When reading from the E2PROM memory array, CS is
first pulled LOW to select the device. The 8-bit READ
instruction is transmitted to the X25642, followed by
the 16-bit address of which the last 13 are used. After
the READ opcode and address are sent, the data
stored in the memory at the selected address is
shifted out on the SO line. The data stored in memory
at the next address can be read sequentially by
continuing to provide clock pulses. The address is
automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address is reached ($1FFF) the address counter rolls
over to address $0000 allowing the read cycle to be
continued indefinitely. The read operation is termi-
nated by taking CS HIGH. Refer to the read E2PROM
array operation sequence illustrated in Figure 1.
WPEN
WP WEL
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
LOW
0
Protected
Protected
Protected
1
LOW
1
Protected
Writable
Protected
X
HIGH
0
Protected
Protected
Protected
X
HIGH
1
Protected
Writable
Writable
To read the status register the
CS line is first pulled
LOW to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the status register are shifted out on the SO line.
Figure 2 illustrates the read status register sequence.
Write Sequence
Prior to any attempt to write data into the X25642, the
“write enable” latch must first be set by issuing the
WREN instruction (See Figure 3). CS is first taken
LOW, then the WREN instruction is clocked into the
X25642. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user
continues the write operation without taking CS HIGH
after issuing the WREN instruction, the write operation
will be ignored.
To write data to the E2PROM memory array, the user
issues the WRITE instruction, followed by the address
and then the data to be written. This is minimally a
thirty-two clock operation.
CS must go LOW and
remain LOW for the duration of the operation. The host
may continue to write up to 32 bytes of data to the
X25642. The only restriction is the 32 bytes must reside
on the same page. If the address counter reaches the
end of the page and the clock continues, the counter
will “roll over” to the first address of the page and over-
write any data that may have been written.
For the write operation (byte or page write) to be
completed, CS can only be brought HIGH after bit 0 of
data byte N is clocked in. If it is brought HIGH at any
other time the write operation will not be completed.
Refer to Figures 4 and 5 below for a detailed illustra-
tion of the write sequences and time frames in which
CS going HIGH are valid.
To write to the status register, the WRSR instruction is
followed by the data to be written. Data bits 0, 1, 4, 5
and 6 must be “0”. Figure 6 illustrates this sequence.
While the write is in progress following a status
register or E2PROM write sequence, the status
register may be read to check the WIP bit. During this
time the WIP bit will be HIGH.
Hold Operation
The HOLD input should be HIGH (at VIH) under normal
operation. If a data transfer is to be interrupted HOLD
can be pulled LOW to suspend the transfer until it can
be resumed. The only restriction is the SCK input must
be LOW when HOLD is first pulled LOW and SCK
must also be LOW when HOLD is released.
The HOLD input may be tied HIGH either directly to
VCC or tied to VCC through a resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com