Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6660 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6660
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6660 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6660 Datasheet HTML 1Page - Silicon Standard Corp. SS6660 Datasheet HTML 2Page - Silicon Standard Corp. SS6660 Datasheet HTML 3Page - Silicon Standard Corp. SS6660 Datasheet HTML 4Page - Silicon Standard Corp. SS6660 Datasheet HTML 5Page - Silicon Standard Corp. SS6660 Datasheet HTML 6Page - Silicon Standard Corp. SS6660 Datasheet HTML 7Page - Silicon Standard Corp. SS6660 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS6660


ORDERING INFORMATION
PIN CONFIGURATION
Packing type
TR: Tape and reel
TB: Tube
Package type:
N: Plastic DIP
S: Small outline
SS6660CXXX
Example: SS6660CSTR
in SO-8 package shipped on tape and reel.
Please note that CN is only available in tubes.



ABSOLUTE MAXIMUM RATINGS
)0 %B%9B%C "#
02$9"! ,#D+#
0 0,=#°*D+4°*
)0 0,"°*D$#°*


TEST CIRCUIT





!"# $



µ%


µ%














1
8
3
6

2
7








Rev.2.02 1/29/2004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com