Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6660CSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6660CSTR
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6660CSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6660CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6660CSTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS6660
ELECTRICAL CHARACTERISTICS (VIN = 5.0V, TA = 25°C, OSC = OPEN, unless
otherwise specified.)

%&%'& 
 ())
*'+, ')
*
'%-
.)
)*
 = ∞
IS


"
!#
µ.
; )0
∞ $



;' )0
∞&

"


8# .9 
7 10kHz
'(


!#
Ω
7(

*#
2$70B%
2$
7

$#
#

E/?
2& 
E9710kHz
η
3"
34

5
0*& 
∞'(!%%
34
333

5

TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C)








    
   ! "#    

)* #$+,-
  $% &'!' "# ( !













Rev.2.02 1/29/2004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com