Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F016P Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25F016P
Description  SerialFlash??Memory With Block LockTM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F016P Datasheet(HTML) 2 Page - Xicor Inc.

  X25F016P Datasheet HTML 1Page - Xicor Inc. X25F016P Datasheet HTML 2Page - Xicor Inc. X25F016P Datasheet HTML 3Page - Xicor Inc. X25F016P Datasheet HTML 4Page - Xicor Inc. X25F016P Datasheet HTML 5Page - Xicor Inc. X25F016P Datasheet HTML 6Page - Xicor Inc. X25F016P Datasheet HTML 7Page - Xicor Inc. X25F016P Datasheet HTML 8Page - Xicor Inc. X25F016P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
X25F064/032/016/008
Hold (
HOLD)
HOLD is used in conjunction with the CS pin to select the
device. Once the part is selected and a serial sequence
is underway,
HOLD may be used to pause the serial
communication with the controller without resetting the
serial sequence. To pause,
HOLD must be brought
LOW while SCK is LOW. To resume communication,
HOLD is brought HIGH, again while SCK is LOW. If the
pause feature is not used,
HOLD should be held HIGH
at all times.
PIN NAMES
SYMBOL
DESCRIPTION
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
PP
Program Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
6685 PGM T01.1
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push-pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of the
serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the clock
input, while data on the SO pin change after the falling
edge of the clock input.
Chip Select (
CS)
When
CS is HIGH, the X25F064/032/016/008 is
deselected and the SO output pin is at high impedance
and unless an internal program operation is underway
the X25F064/032/016/008 will be in the standby power
mode.
CS LOW enables the X25F064/032/016/008,
placing it in the active power mode. It should be noted
that after power-up, a HIGH to LOW transition on
CS is
required prior to the start of any operation.
Program Protect (
PP)
When
PP is LOW and the nonvolatile bit PPEN is “1”,
nonvolatile programming of the X25F064/032/016/008
status register is disabled, but the part otherwise func-
tions normally. When
PP is held HIGH, all functions,
including nonvolatile programming operate normally.
PP going LOW while CS is still LOW will interrupt
programming of the X25F064/032/016/008 status regis-
ter. If the internal program cycle has already been
initiated,
PP going LOW will have no effect on program-
ming.
The
PP pin function is blocked when the PPEN bit in
the status register is “0”. This allows the user to install the
X25F064/032/016/008 into a system with
PP pin
grounded and still be able to program the status register.
The
PP pin functions will be enabled when the PPEN bit
is set “0”.
PIN CONFIGURATION
6685 ILL F02.4
CS
SO
PP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
8-Lead DIP/SOIC
14-Lead TSSOP
20-Lead TSSOP
CS
SO
NC
NC
NC
PP
VSS
1
2
3
4
5
6
7
VCC
HOLD
NC
NC
NC
SCK
SI
14
13
12
11
10
9
8
NC
CS
NC
SO
NC
NC
PP
VSS
NC
NC
1
2
3
4
5
6
7
8
9
10
NC
VCC
NC
HOLD
NC
NC
SCK
SI
NC
NC
20
19
18
17
16
15
14
13
12
11
X25F064/
032/016/
008
X25F032/
016/008
X25F064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com