Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6781ACSTB Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6781ACSTB
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781ACSTB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6781ACSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 12Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 13Page - Silicon Standard Corp. SS6781ACSTB Datasheet HTML 14Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.SiliconStandard.com
10 of 18
SS6781A(G)
1/11/2005 Rev.2.10
by the peak voltage timer, which is in turn
determined by PEAK pin voltage, the fast charge
action is terminated.
∆T/∆t Cutoff
The
t
T/
∆
∆
detection of the SS6781A is performed
by sensing the decrease of VTS pin voltage in a
specific timer interval dictated by the safety timer.
The fast charging terminates when the decrease of
VTS pin voltage in 56 seconds exceeds the
predetermined value set by ADJ pin input. This time
interval of 56 seconds is based on the assumption
that voltage of VTS pin is sampled once for every 8
seconds, which is also determined by safety timer.
Functioning of -
∆V detection and peak voltage timer
(0 V
∆ ) can be disabled if the MODE pin is biased to
GND. Functioning of
t
T/
∆
∆
detection can be
disabled if the voltage of ADJ pin is higher than VCC
- 0.3V.
Maximum Safety Timer Cutoff
The maximum fast charge period is determined by
the safety timer, which is set by a resistor
connected from TMR pin to GND. Safety timer, -
∆V
sampling rate, and
t
T/
∆
∆
sampling rate will be
longer if the resistor value is larger. When the value
of the resistor is 100K
Ω, the safety timer period
equals 80 minutes. This can be verified by biasing
MODE pin to VCC and the measured frequency on
DSW pin should be around 32.8 KHz. After the
safety timer period is finished, the fast charge
action is terminated.
Maximum Voltage and Temperature Cutoff
The SS6781A guards against the maximum limits
for battery voltage and temperature during fast
charging. If either of these limits is exceeded, fast
charge action is terminated.
Trickle Charge
There are five different selectable duty cycles for
trickle charge after the fast charge to prevent the
loss of charge due to battery self-discharging. The
duty cycle is controlled by the setting of SEL1 and
SEL2 pins.
The
functions
and
charging
states
control
mentioned above are illustrated in the function flow
chart of the SS6781A (Fig. 16)
l DESIGN GUIDE
Selecting Peak Voltage Timer (0
∆V)
The voltage of PEAK pin along with safety timer
determines the period of peak voltage timer. It can
be selected according to the following table:
TABLE 1
PEAK PIN
PEAK VOLTAGE TIMER
VCC
1.5% of safety timer
Floating
3.7% of safety timer
GND
6% of safety timer
Battery Voltage Measurement
The
SS6781A measures
the
battery
voltage
through VBT pin, which is connected to battery
positive terminal through a resistor-divider network,
as shown in Fig. 17. The input voltage of SEL3 pin
determines the acceptable limit of divided battery
voltage.
VBAT
RA
RB
C5
2
R5
100K
C6
SS6781A
VBT
+
Fig. 17
Battery Voltage Divider
For SEL3 > (VCC/2) + 0.4V, the suggested divider
resistance of RA and RB for the corresponding
number of battery cells are as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com