Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6783AGSTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6783AGSTR
Description  Battery Charge Controller for Low Power Charging
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6783AGSTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6783AGSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6783AGSTR Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
SS6783A(G)
1/11/2005 Rev.2.10
APPLICATION INFORMATION
OPERATION
Power-On and Battery Pre-Qualifying
When power is first applied to the SS6783A, all
internal digital circuit blocks of the SS6783A are
reset by the internal power-on-reset circuitry and the
output LED flashes 3 times to indicate the initiation of
power-on. The internal control unit then examines
the battery condition through the VBT pin.
The acceptable range of VBT pin is 0.16V to 2.7V. If
the voltage of VBT pin fails to fall within the
predetermined acceptable limits, the SS6783A
enters a charge-suspending mode, in which all the
internal circuitry remains in reset state.
Fast Charge
After the battery passes fault checks, fast charging
begins while the initial timer and safety timer of the
SS6
783A start counting. The functions of
−∆V
detection, peak voltage timer, and maximum battery
voltage are, however, disabled temporarily until the
initial timer period in the initial stage of a charge
cycle elapses. The initial timer period is equal to
1/80 of the safety timer.
Since the low limit of acceptable VBT voltage is only
about 0.16V during the initial timer period, even
deeply discharged batteries can easily qualify to be
subsequently
fast charged.
In the course of fast charge, the SS6783A
constantly monitors the voltages at VBT pin. The
fast charge process is switched to trickle charge
when any one of the following situations is
encountered, which are explained below:
Negative delta voltage (−∆V)
Peak voltage timer (0
)
V
∆
Maximum charge time
Maximum battery voltage
-
∆V Cutoff
The SS6783A makes a voltage sampling at VBT
pin every 4 seconds when safety timer period is set
equal to 80 minutes. If a negative delta voltage of
0.25% compared to its peak value is detected at
VBT pin, the fast charge cycle is terminated.
0
∆V Cutoff
If the battery voltage stays at its peak value or
decreases very slowly for the duration determined
by the peak voltage timer which is 6% of safety
timer, the fast charge action is terminated.
Maximum Safety Timer Cutoff
The maximum fast charge period is determined by
the safety timer, which is set by a resistor
connected from TIMER pin to GND. Safety timer,
−∆V , sampling rate will be longer if the resistor
value is larger. When the value of the resistor is
100k
Ω, the safety timer period equals 80 minutes.
After the safety timer period is finished, the fast
charge action is terminated.
Maximum Voltage Cutoff
The SS6783A guards against the maximum limits
for battery voltage during fast charging. If either of
these limits is exceeded, fast charge action is
terminated.
Trickle Charge
T
rickle charge starts after the fast charge to prevent
the loss of charge due to battery self-discharge.
The duty cycle is set to 1/128 by internal circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com