Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6783ACNTB Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6783ACNTB
Description  Battery Charge Controller for Low Power Charging
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6783ACNTB Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6783ACNTB Datasheet HTML 2Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 3Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 4Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 5Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 6Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 7Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 8Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 9Page - Silicon Standard Corp. SS6783ACNTB Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
SS6783A(G)
1/11/2005 Rev.2.10
BLOCK DIAGRAM
Charge Control
State Machine
REF
ICON
LED
VBT
Battery
Voltage
Protection
13-bit
A/D
Display
Control Unit
Charge
Control Unit
TIMER
Oscillator
VCC
GND
Bandgap
Reference &
Voltage
Regulator
MODE
MODE
Selection
Battery Voltage
Protection Setting
PIN DESCRIPTIONS
PIN 1: REF-
Reference
voltage
input,
acceptable voltage range :
(VCC-1.4V) ~ (0.5VCC+0.4V)
PIN 2: TIMER- Determining
the
period
of
safety timer with an external
resistor connected to GND.
PIN 3: MODE- Determining
the
mode
of
operation for the SS6783A.
PIN 4: GND- Power ground.
PIN 5: LED-
Open-drain output used to
indicate the battery charging
status.
PIN 6: ICON- Open-drain output, used to
control the charging current to
the battery.
PIN 7: VBT-
Divided battery voltage input to
sense the battery voltage.
PIN 8: VCC-
Power supply input at 5V
±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com