Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6802CGSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6802CGSTR
Description  TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6802CGSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6802CGSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6802CGSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
02/26/2008 Rev.1.00
www.SiliconStandard.com
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
OD Pin Output “L” Voltage
VDH
0.01
0.1
V
Charge Detection Threshold
Voltage
VCC=4.8V
VCH
-0.55
-0.4
V
Unbalance Discharge Current
VCC=8.3V, VC=4V
IUD
5.4
7.7
10
mA
Note1: Specifications are production tested at TA = 25
°C. Specifications over the -40°C to 85°C operating Temperature
range are assured by design, characterization and correlation with Statistical Quality Controls (SQC).
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Voltage (V)
Fig. 1
Supply Current vs. Supply Voltage
5.5
6.5
7.5
8.5
9.7
9.9
10.1
10.3
10.5
10.7
VC=1/2VCC
TA=25°C
Supply Voltage (V)
Fig. 2
Power-down Current vs. Supply Voltage
VC=1/2VCC
TA=25°C
3.8
4.3
4.8
5.3
5.8
0.2
0.35
0.5
0.65
0.8
Temperature (
°C)
Fig. 3
Overcharge Protection Voltage vs. Temperature
0
10203040
506070
-10
-20
4.3
4.305
4.31
4.315
4.32
AIC1802B
Temperature (
°C)
Fig. 4
Overcurrent Protection Voltage vs. Temperature
0
10
2030405060
70
-10
-20
140
142.5
145
147.5
150
VCC=7V
VC=3.5V
SS6802



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com