Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6803 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6803
Description  Three-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6803 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6803 Datasheet HTML 1Page - Silicon Standard Corp. SS6803 Datasheet HTML 2Page - Silicon Standard Corp. SS6803 Datasheet HTML 3Page - Silicon Standard Corp. SS6803 Datasheet HTML 4Page - Silicon Standard Corp. SS6803 Datasheet HTML 5Page - Silicon Standard Corp. SS6803 Datasheet HTML 6Page - Silicon Standard Corp. SS6803 Datasheet HTML 7Page - Silicon Standard Corp. SS6803 Datasheet HTML 8Page - Silicon Standard Corp. SS6803 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
SS6803


ORDERING INFORMATION
PIN CONFIGURATION
SS6803XCXXX
Packing type
TR: Tape and reel
TB: Tube
Package type
S: SO-16
Over-charge Protection
Voltage
A: 4.35V
B: 4.30V
C: 4.25V
D: 4.20V
Example: SS6803ACSTR
$
4.35v version, in SO-16, packed on tape and reel
TOP VIEW
CS
OD
TC
NC
1
3
4
2
OC
TI
5
6
7
8
VCC
VC1
16
15
TD
UD2
UD1
VC2
VC3
14
12
11
13
UD3
GND
10
9
NC
ABSOLUTE MAXIMUM RATINGS
! ""#$ DDDDDD'
$"" * DDDDDDDD'
("$4-" %$DDDDDD,°EF,°
!$4-" %$DDDDDC°E°


TEST CIRCUIT


















SS6803










  




µ



















µ






 






























 


µ



µ





















12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com