Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6804
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6804 Datasheet HTML 4Page - Silicon Standard Corp. SS6804 Datasheet HTML 5Page - Silicon Standard Corp. SS6804 Datasheet HTML 6Page - Silicon Standard Corp. SS6804 Datasheet HTML 7Page - Silicon Standard Corp. SS6804 Datasheet HTML 8Page - Silicon Standard Corp. SS6804 Datasheet HTML 9Page - Silicon Standard Corp. SS6804 Datasheet HTML 10Page - Silicon Standard Corp. SS6804 Datasheet HTML 11Page - Silicon Standard Corp. SS6804 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
SS6804
APPLICATION EXAMPLE
+
+
+
0.1
µF
1K
BAT1
BAT2
BAT3
1K
R8
C4
0.1
µF
C2
0.1
µF
0.1
µF
C3
C1
R6
1M
1M
R5
R7
1M
BATT-
C
TD
82nF
C
TI
2.2nF
C
TC
82nF
SS6804
1
16
6
7
8
5
4
OC
2
CS
3
OD
TD
TI
TC
GND
9
10
13
12
15
14
UD4
R4
1K
R3
1K
UD3
11
VC3
R2
1K
R1
UD2
VC2
UD1
VCC
VC1
NSL
BATT+
FUSE
M2
M1
SSM4435M
SSM4435M
Fig. 12 Protection Circuit for Three-Cell Lithium-Ion Battery Pack
TIMING DIAGRAM
Overcharge and Overdischarge Protection (VCS=VCC)
BAT4
V
BAT1
V
BAT2
V
OD
T
0V
0V
BAT3
V
CELL
OD
<T
OC
<T
T
OC
Hi-Z
Hi-Z
V
VOC
VOD
CC
V
OCP
V
ODP
V
ODR
V
HYS
V
OCP
V
-
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com