Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804BCSTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6804BCSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804BCSTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6804BCSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804BCSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6804
Three/Four-cell Lithium-Ion Battery Protection IC
FEATURES
Ultra-low quiescent current, 17
µA (4-cell, Vcell = 3.5V).
Ultra-low power-down current, 2.2
µA (4-cell, Vcell = 2.3V).
Wide supply voltage range: 2V to 18V.
Precision over-charge protection voltage:
4.35V
±30mV for the SS6804A
4.30V
±30mV for the SS6804B
4.25V
±30mV for the SS6804C
4.20V
±30mV for the SS6804D
Externally set over-charge, over-discharge and
over-current delay time.
Built-in cell-balancing bleeding network under
over-charge condition.
Three detection levels for over-current protection.
APPLICATIONS
Protection IC for three/four-cell lithium-ion battery packs.
DESCRIPTION
The SS6804 is designed to protect a lithium-ion
battery from damage or degraded lifetime due to
over-charging, over-discharging and over-current
for three- or four-cell lithium-ion battery powered
systems such as notebook PCs.
It provides the cell-balancing "bleeding" function
to automatically discharge the over-charged cell
until the over-charge condition is eliminated.
Safe charging with full utilization is ensured by
the accurate
±30mV over-charge detection. Four
different specification values for over-charge
protection voltage are provided for various
protection requirements. The very low standby
current represents little drain from the cell while in
storage.
TYPICAL APPLICATION CIRCUIT
0.1
µF
C4
0.1
µF
C2
0.1
µF
C3
0.1
µF
C1
R6
1M
1M
R5
R7
1M
BATT-
SS6
804
1
16
6
7
8
5
4
OC
2
CS
3
OD
TD
TI
TC
GND
9
10
13
12
15
14
UD4
R4
33K
R3
2K
UD3 11
VC3
BAT4
R2
2K
200
R1
UD2
VC2
BAT3
UD1
VCC
BAT1
VC1
BAT2
1K
R8
NSL
BATT+
FUSE
M2
M1
SSM4435M
SSM4435M
CTC
82nF
CTD
82nF
CTI
2.2nF
Protection Circuit for Four-Cell Lithium-Ion Battery Pack
12/29/2003 Rev.2.02


Similar Part No. - SS6804BCSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTR SSC-SS6802AGSTR Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802BGSTB SSC-SS6802BGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802BGSTR SSC-SS6802BGSTR Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6804BCSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
One-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
Three-cell Lithium-Ion Battery Protection IC
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
Single-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com