Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6863 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6863
Description  IR Preamplifier for Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6863 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6863 Datasheet HTML 1Page - Silicon Standard Corp. SS6863 Datasheet HTML 2Page - Silicon Standard Corp. SS6863 Datasheet HTML 3Page - Silicon Standard Corp. SS6863 Datasheet HTML 4Page - Silicon Standard Corp. SS6863 Datasheet HTML 5Page - Silicon Standard Corp. SS6863 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
SS6863
ORDERING INFORMATION
SS6863CXXX
SO-8
TOP VIEW
AGND
VCC
NC
OUT
DGND
FO
IN
1
3
4
2
8
6
5
7
CA
Packing
TR: Tape and reel
Package type
S: SO-8
Example:
SS6863CSTR
$ in SO-8 package supplied on tape and reel
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
......................................................................................... ............ 5.5V
Input Voltage
...................................................................................................... 5V P-P
Operating Temperature Range ....................................................................... -20°C ~ 80°C
Storage Temperature Range ........................................................................... -65°C ~ 150°C
TEST CIRCUIT
+
0.1
µF
C1
Vcc (+5V)
VOUT
110K
R1
IN
SS6863
AGND
FO
DGND
OUT
NC
CA
8
7
6
5
4
3
2
1
VCC
+
+
C3
0.47
µF
S5
S4
S3
S2
R2
IIN
100
µA
C2
0.47
µF
47K
VIN
S1
Rev.2.02 11/6/2003
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com