Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6863CSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6863CSTR
Description  IR Preamplifier for Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6863CSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6863CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6863CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6863CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6863CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6863CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6863CSTR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SS6863
ELECTRICAL CHARACTERISTICS (VCC = 5V, TA = 25
°
°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
,  

,
72
25
22
,
 ,  8.9
:5µ#
, 
1/
74
77
,
 ,  849
:.55µ#
,'
.2
4.
4;
,
&& *   ,  

,!*

5.
51
,
<& *   ,  

,!
7;5
7=7

,
,  >
.55µ,)+38kHz
#
;0
/.

(
('   
.55µ,)+28kHz, 35kHz,
41kHz, 48kHz (note 1)
#+7
=

(
   
52,)+ 38kHz (note 2)
Rin
4
11
k
Ω
" #% 8.9
.55µ,)+ 38kHz
055µs @ +
54"   
 
105
245
0/5
µs 
" #% 849
25,)+38kHz
055µs @ +
54"   
'
275
0;5
/55
µs
 "  
.55µ,)+38kHz
055µs @ +
54"   
!
.55
425
755
µs 
 !!"  
.55µ,)+38kHz
055µs @ +
54"   
!
.25
445
755
µs
&  
.:5.µ'
*- 

5/

,-s 
A     


57
5;
.5
#

@.B !  # * at 35kHz and the AC level at 28kHz denotes AQ1.
#+ :  log
 35kHz)
 28kHz)


 !  # *  41kHz  # *  48kHz denotes AQ2.
#+':  log
 kHz)
 kHz)

@4B  *   ,   *   ,,+  
:
k
  

Ω
Rev.2.02 11/6/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com