Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7529 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS7529
Description  Synchronous Buck PWM and Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7529 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS7529 Datasheet HTML 1Page - Silicon Standard Corp. SS7529 Datasheet HTML 2Page - Silicon Standard Corp. SS7529 Datasheet HTML 3Page - Silicon Standard Corp. SS7529 Datasheet HTML 4Page - Silicon Standard Corp. SS7529 Datasheet HTML 5Page - Silicon Standard Corp. SS7529 Datasheet HTML 6Page - Silicon Standard Corp. SS7529 Datasheet HTML 7Page - Silicon Standard Corp. SS7529 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SS7529
Rev.1.01 4/26/2004
5Vcc Falling Threshold
3.7
3.9
4.1
V
12Vcc Rising Threshold
9.6
10.3
10.8
V
12Vcc Falling Threshold
9.2
9.6
10.2
V
Oscillator
Frequency
550
600
650
kHz
Ramp Amplitude
1.5
Vp-p
Soft-Start
Soft-Start Interval
3.4
ms
Reference
Reference Voltage Tolerance
-2
+2
%
Nominal Reference Voltage
0.8
V
PWM Error Amplifier
DC gain
70
dB
Gain Bandwidth Product
10
MHz
Slew Rate
6
V/uS
FB Input Bias Current
20
150
nA
Comp High Output Voltage
5
V
Comp High Output Current (Source)
-7.3
mA
Comp Low Output Voltage
0.5
1
V
Comp Low Output Current (Sink)
5.6
mA
PWM Gate Drivers
UGATE & LGATE Source Current
-1
A
UGATE & LGATE Sink Current
1
A
UGATE Maximum Voltage
11
12
V
LGATE Maximum Voltage
4
5
V
UGATE & LGATE Output Impedance
3.1
4.3
Ω
PWM Protection
Under-Voltage Level (VFB/VREF)
51
%
Linear Regulator Error Amplifier
DC gain
70
dB
Gain Bandwidth Product
10
MHz
Slew Rate
6
V/uS
FB2 Input Bias Current
20
150
nA
DRIVE2 High Output Voltage
12
V
DRIVE2 High Output Current
-14
mA
DRIVE2 Low Output Voltage
0
0.5
V
DRIVE2 Low Output Current
14
mA
Linear Regulator Protection
Under-voltage Level (VFB2/VREF)
51
%
Over-voltage Level (VFB2/VREF)
161
%
ELECTRICAL CHARACTERISTICS (cont.)
5Vcc Rising Threshold
4.15
4.35
4.55
V
Power On Reset
5Vcc Rising Threshold
4.15
4.35
4.55
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com