Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8014 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8014
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8014 Datasheet HTML 1Page - Silicon Standard Corp. SS8014 Datasheet HTML 2Page - Silicon Standard Corp. SS8014 Datasheet HTML 3Page - Silicon Standard Corp. SS8014 Datasheet HTML 4Page - Silicon Standard Corp. SS8014 Datasheet HTML 5Page - Silicon Standard Corp. SS8014 Datasheet HTML 6Page - Silicon Standard Corp. SS8014 Datasheet HTML 7Page - Silicon Standard Corp. SS8014 Datasheet HTML 8Page - Silicon Standard Corp. SS8014 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
1/12/2005 Rev.2.10
SS8014-xxG
Absolute Maximum Ratings
VIN to GND……..………………..….….……………..….….……………..….….………-0.3V to +7V
Output Short-Circuit Duration.…..…………..….….……………..….….…….……..…….….Infinite
All Other Pins to GND…………………..….….……………..….….….……….-0.3V to (V IN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT 23-5 …………………………..……………..….….……………..….….…………...…..520 mW
Operating Temperature Range….………..….….……………..….….……………….-40°C to +85°C
Junction Temperature……………………..….….……………..….….……………..….….……+150°C
θ
JA …….See Recommended Minimum Footprint (Figure 2)....……………….……………….…..240°C/Watt
Storage Temperature Range…………………..….….……………..….….………..…-65°C to +160°C
Lead Temperature (soldering, 10sec)...…………..….….……………..….….………….……+260°C
Electrical Characteristics
(VIN=VOUT(STD)+1V, V SHDN =VIN, TA=TJ =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Input Voltage (Note 2)
VIN
Note2
-
5.5
V
VariationfromspecifiedVOUT,IOUT=1mA,VOUT≥2.5V version
-2
-
2
For SS8014-18, I OUT =1mA
-3
-
3
Output Voltage Accuracy
VOUT
For SS8014-15, I OUT =1mA
-4
-
4
%
Maximum Output Current
300
-
mA
Current Limit (Note 3)
ILIM
500
-
mA
ILOAD = 0mA
55
120
ILOAD = 50mA
145
Ground Pin Current
IQ
VIN =3.6V
ILOAD = 300mA
265
µA
IOUT = 1mA
2
IOUT = 50mA, VOUT ≥ 2.7V Version
70
VO (NOM) ≥ 3.0V
230
2.5V
≤V
O (NOM) ≤2.85V
250
VO (NOM) = 1.8V
380
IOUT = 150mA
VO (NOM) = 1.5V
510
VO (NOM) ≥ 3.0V
450
600
2.5V
≤V
O (NOM) ≤2.85V
500
660
VO (NOM) = 1.8V
760
960
Dropout Voltage (Note 4)
VDROP
IOUT =300mA
VO (NOM) = 1.5V
910
1220
mV
Line Regulation
∆V
LNR
VIN=VOUT+100mVto5.5V,IOUT=1mA
0.1
0.28
%/V
IOUT = 1mA to 150mA
0.35
Load Regulation (Note 5)
∆V
LDR
IOUT = 1mA to 300mA
2
%
Power Supply Rejection Ratio
PSRR
IOUT = 30mA CBYP = 10nF, f = 120HZ
57
dB
Output Voltage Temperature Coeffi-
cient
V
O/
T I
OUT = 50mA, TJ = 25°C to 125°C
30
ppm/°C
COUT = 1µF, IOUT = 150mA, CBYP=1nF
52
COUT = 1µF, IOUT = 150mA, CBYP=10nF
35
COUT = 1µF, IOUT = 150mA, CBYP =
100nF
30
Output Voltage Noise
(10Hz to 100kHz)
(SS8014-18)
en
VIN=VOUT+1V
COUT = 1µF, IOUT = 1mA, CBYP = 10nF
26
µVRMS
SHUTDOWN
VIH
Regulator enabled
VIN- 0.7
SHDN
Input Threshold
VIL
Regulator shutdown
0.4
V
SHDN
Input Bias Current
ISHDN
V SHDN = VIN
TA = +25°C
0.003
0.1
Shutdown Supply Current
IQ SHDN
VOUT = 0V
TA = +25°C
1
µA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
150
°C
Thermal Shutdown Hysteresis
∆T
SHDN
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com