Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017 Datasheet(PDF) 15 Page - Silicon Standard Corp.

Part # SS8017
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017 Datasheet(HTML) 15 Page - Silicon Standard Corp.

Back Button SS8017 Datasheet HTML 8Page - Silicon Standard Corp. SS8017 Datasheet HTML 9Page - Silicon Standard Corp. SS8017 Datasheet HTML 10Page - Silicon Standard Corp. SS8017 Datasheet HTML 11Page - Silicon Standard Corp. SS8017 Datasheet HTML 12Page - Silicon Standard Corp. SS8017 Datasheet HTML 13Page - Silicon Standard Corp. SS8017 Datasheet HTML 14Page - Silicon Standard Corp. SS8017 Datasheet HTML 15Page - Silicon Standard Corp. SS8017 Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
though reads and writes at VCC levels below 3V are not
recommended. A second Vcc comparator, the ADC
UVLO comparator, prevents the ADC from converting
until there is sufficient headroom (Vcc = 2.8V typical).
Power-Up Defaults:
n Interrupt latch is cleared.
n ADC begins auto /converting at a 0.25Hz rate.
n Command byte is set to 00h to facilitate quick re-
mote Receive Byte queries.
n THIGH and TLOW registers are set to max and min
limits, respectively
Thermal Shutdown Signal
When the temperature of DX1 reaches or exceeds the
Tcrit1 threshold consecutively for the times equal to
the number of faults of the FQ_TH_SHUT registers,
TH_SHUT pin becomes logic high. The same mecha-
nism is duplicated for DX2. There fore, either one of
DX1, DX2 continuously over their respective Tcrit, the
TH_SHUT will assert logic high to indicate a thermal
shutdown event.
Figure 6. SMBus Write Timing Diagram
A = start condition
H = LSB of data clocked into slave
B = MSB of address clocked into slave
I = slave pulls SMBDATA line low
C = LSB of address clocked into slave
J = acknowledge clocked into master
D = R / W bit clocked into slave
K = acknowledge clocked pulse
E = slave pulls SMB Data line low
L = stop condition data executed by slave
F = acknowledge bit clocked into master
M = new start condition
G = MSB of data clocked into slave
Figure 7. SMBus Read Timing Diagram
A = start condition
G = MSB of data clocked into master
B = MSB of address clocked into slave
H = LSB of data clocked into master
C = LSB of address clocked into slave
I = acknowledge clocked pulse
D = R / W bit clocked into slave
J = stop condition
E = slave pulls SMBDATA line low
K= new start condition
F =acknowledge bit clocked into master
SMBCLK
SMBDATA
A
B
C
D
E F
G
H
I
J
K
L
M
t
SU:STA
t
HD:STA
t
SU :DAT
t
HD:DAT
t
SU:STO
t
BUF
t
LOW
t
HIGH
SMBCLK
SMBDATA
A
B
C
D
E F
G
H
I
J
K
t
SU:STA
t
HD :STA
t
SU:DAT
t
SU:STO
t
BUF
t
LOW
t
HIGH
SMBCLK
SMBDATA
A
B
C
D
E F
G
H
I
J
K
t
SU:STA
t
HD :STA
t
SU:DAT
t
SU:STO
t
BUF
t
LOW
t
HIGH
www.SiliconStandard.com
15 of 16
SS8017
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com