Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C256DI Datasheet(PDF) 22 Page - Xicor Inc.

Part # X28C256DI
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C256DI Datasheet(HTML) 22 Page - Xicor Inc.

Back Button X28C256DI Datasheet HTML 16Page - Xicor Inc. X28C256DI Datasheet HTML 17Page - Xicor Inc. X28C256DI Datasheet HTML 18Page - Xicor Inc. X28C256DI Datasheet HTML 19Page - Xicor Inc. X28C256DI Datasheet HTML 20Page - Xicor Inc. X28C256DI Datasheet HTML 21Page - Xicor Inc. X28C256DI Datasheet HTML 22Page - Xicor Inc. X28C256DI Datasheet HTML 23Page - Xicor Inc. X28C256DI Datasheet HTML 24Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
X28C256
PACKAGING INFORMATION
28-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
0.299 (7.59)
0.290 (7.37)
0.419 (10.64)
0.394 (10.01)
0.020 (0.508)
0.014 (0.356)
0.0200 (0.5080)
0.0100 (0.2540)
0.050 (1.270)
BSC
0.713 (18.11)
0.697 (17.70)
0.012 (0.30)
0.003 (0.08)
0.105 (2.67)
0.092 (2.34)
0.0350 (0.8890)
0.0160 (0.4064)
0.013 (0.32)
0.008 (0.20)
0
° – 8°
X 45
°
3926 FHD F17
NOTES:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. FORMED LEAD SHALL BE PLANAR WITH RESPECT TO ONE ANOTHER WITHIN 0.004 INCHES
SEATING PLANE
BASE PLANE
0.42" MAX
0.030" TYPICAL
28 PLACES
0.050" TYPICAL
0.050"
TYPICAL
FOOTPRINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com