Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8026 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. SS8026 Datasheet HTML 10Page - Silicon Standard Corp. SS8026 Datasheet HTML 11Page - Silicon Standard Corp. SS8026 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
Rev.2.02 12/06/2003
SS8026
TO-263 (T5) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
A1
1.22
1.32
0.048
0.055
A2
2.45
2.69
0.104
0.106
b
0.69
0.94
0.027
0.037
b1
1.22
1.40
0.048
0.055
C
0.36
0.56
0.014
0.022
D
8.64
9.652
0.340
0.380
E
9.70
10.54
0.382
0.415
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
H
14.60
15.78
0.575
0.625
L
4.70
5.84
0.185
0.230
L1
1.20
1.778
0.047
0.070
L2
2.24
2.84
0.088
0.111
L3
1.40MAX
0.055MAX
e
L3
D
H
e1
b1
b
E
A
A1
C
A2
L2
L
L1
e
L3
D
H
e1
b1
b
E
A
A1
C
A2
L2
L
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com