Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8037G Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8037G
Description  Microprocessor Reset IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8037G Datasheet(HTML) 8 Page - Silicon Standard Corp.

  SS8037G Datasheet HTML 1Page - Silicon Standard Corp. SS8037G Datasheet HTML 2Page - Silicon Standard Corp. SS8037G Datasheet HTML 3Page - Silicon Standard Corp. SS8037G Datasheet HTML 4Page - Silicon Standard Corp. SS8037G Datasheet HTML 5Page - Silicon Standard Corp. SS8037G Datasheet HTML 6Page - Silicon Standard Corp. SS8037G Datasheet HTML 7Page - Silicon Standard Corp. SS8037G Datasheet HTML 8Page - Silicon Standard Corp. SS8037G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.SiliconStandard.com
8 of 9
Figure 3.
Interfacing to µPs with bidirectional
reset I/O
Figure 4. SS8038L open-drain RESET output
allows use with multiple supplies
Interfacing to µPs with Bidirectional Reset Pins
Since the RESET output on the SS8038L is open drain,
this device interfaces easily with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11. Con-
necting the µP supervisor’s RESET output directly to
the microcontroller’s (µC’s) RESET pin with a single
pull-up resistor allows either device to assert reset (Fig-
ure 3).
8038L Open-Drain RESET Output Allows Use with
Multiple Supplies
Generally, the pull-up connected to the SS8038L will
connect to the supply voltage that is being monitored at
the IC’s VCC pin. However, some systems may use the
open-drain output to level-shift from the monitored supply
to reset circuitry powered by some other supply (Figure
4). Note that as the SS8038L’s V CC decreases below 1V,
so does the IC’s ability to sink current at RESET . Also,
with any pull-up, RESET will be pulled high as VCC de-
cays toward 0. The voltage where this occurs depends
on the pull-up resistor value and the voltage to which it is
connected.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal supply
voltages. This ensures a reset will not occur within 5% of
the nominal supply, but will occur when the supply is 10%
below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is be-
tween 5% and 10% low, and where the reset may or
may not be asserted.
The SS803xx463/803xx308 use highly accurate circuitry
to ensure that reset is asserted close to the 5% limit, and
long before the supply has declined to 10% below nomi-
nal.
RESET
INPUT
GND
µP
V
CC
RESET
GND
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
µP
V
CC
RESET
GND
8038
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
V
CC
RPULL-UP
+3.3V
+5.0V
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
8038
V
CC
RPULL-UP
+3.3V
+5.0V
SS8037/8(G)
10/6/2004 Rev.2.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com