Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8044 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8044
Description  3.3V 600mA Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8044 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8044 Datasheet HTML 1Page - Silicon Standard Corp. SS8044 Datasheet HTML 2Page - Silicon Standard Corp. SS8044 Datasheet HTML 3Page - Silicon Standard Corp. SS8044 Datasheet HTML 4Page - Silicon Standard Corp. SS8044 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS8044
12/31/2006 Rev. 1.01
www.SiliconStandard.com
2
MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Input Voltage………………………………..…….…….7V
Power Dissipation Internally Limited
(Note2)
Maximum Junction Temperature…………………150°C
Storage Temperature Range..……-65°C
T
  J
+150°C
 
Reflow Temperature (soldering, 10sec)............260°C
Thermal Resistance Junction to Ambient, (θJA)
SOT-223………………………….…………..…147°C/W
Thermal Resistance Junction to Case, (θJc)
SOT-223……………………………….…………27°C/W
OPERATING CONDITIONS
Input Voltage………….…….…..……..….……4V ~ 6.5V
Temperature Range…………………..-40°C
T
  A
85°C
 
ELECTRICAL CHARACTERISTICS
VIN =5V, IO = 600mA, CIN=10µF, COUT =10µF. All specifications apply for TA = TJ = 25°C.[Note 3]
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
10mA < IO <600mA
3.234
3.3
3.366 V
Line Regulation
4V < VIN < 6V, IO = 10mA
---
15
---
mV
10mA < IO < 600mA
---
20
---
Load Regulation
10mA < IO < 250mA
---
10
---
mV
Quiescent Current VIN = 5V
---
0.3
---
mA
Ripple Rejection
fi = 120 Hz, 1VP-P, Io = 100mA
---
47
---
dB
IO = 600mA
---
0.65
---
Dropout Voltage
IO = 250mA
---
0.25
---
V
Output Current
---
600
---
mA
Short Circuit
---
0.65
---
A
Current Limit
0.8
A
Over Temperature
---
145
---
°C
NOTE:
1. Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating
Conditions are conditions under which the device functions but the specifications might not be
guaranteed. For guaranteed specifications and test conditions see the Electrical Characteristics.
2. The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total
thermal resistance, JA, and ambient temperature TA. The maximum allowable power dissipation at
any ambient temperature is Tjmax-TA / JA. If this dissipation is exceeded, the die temperature will
rise above 150°C and IC go into thermal shutdown. The JA of SOT-223 package is 147°C/W (See
Recommended Minimum Footprint).
3. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient
as possible.
4.
The type of output capacitor should be tantalum or aluminum.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com