Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8046 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8046
Description  3.3V 2A Low-Dropout Regulator with Disable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8046 Datasheet HTML 1Page - Silicon Standard Corp. SS8046 Datasheet HTML 2Page - Silicon Standard Corp. SS8046 Datasheet HTML 3Page - Silicon Standard Corp. SS8046 Datasheet HTML 4Page - Silicon Standard Corp. SS8046 Datasheet HTML 5Page - Silicon Standard Corp. SS8046 Datasheet HTML 6Page - Silicon Standard Corp. SS8046 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
Rev.2.01 6/06/2003
SS8046
Block Diagram
SHORT-CIRCUIT
PROTECTION
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
3
GND
2 V
O
1
V
IN
R1
R2
1.25V
_
+
OUTPUT
ON/OFF
4
HIGH / LOW
Vdis
TTL COMPATIBLE BUFFER
SHORT-CIRCUIT
PROTECTION
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
3
GND
2 V
O
1
V
IN
R1
R2
1.25V
_
+
_
+
OUTPUT
ON/OFF
4
HIGH / LOW
Vdis
TTL COMPATIBLE BUFFER
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………….…….……………………………………………..…..8V
Vdis Voltage……………………………..……………………………………………...……8V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature.…..…….………………………………………….…..150°C
Storage Temperature Range………………………………………………....................-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
TO 220 Package…………….….……….………………………………………….……..260°C, 10s
Continuous Power Dissipation (TA = +25°C)
TO 220 No heatsink…………….…………….……………………………………....…..1.5W
TO 220 with infinite heatsink…………………..………………………………………….15W
Operating Conditions
(Note 1)
Input Voltage………………………………………………………………………….…..3.6V~7V
Temperature Range…………………………………………………….….…..….........-20°C
≤ T
A
≤85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com