Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8051 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8051
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8051 Datasheet HTML 1Page - Silicon Standard Corp. SS8051 Datasheet HTML 2Page - Silicon Standard Corp. SS8051 Datasheet HTML 3Page - Silicon Standard Corp. SS8051 Datasheet HTML 4Page - Silicon Standard Corp. SS8051 Datasheet HTML 5Page - Silicon Standard Corp. SS8051 Datasheet HTML 6Page - Silicon Standard Corp. SS8051 Datasheet HTML 7Page - Silicon Standard Corp. SS8051 Datasheet HTML 8Page - Silicon Standard Corp. SS8051 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 4
SS8051
Rev.2.01 6/06/2003
ORDERING INFORMATION
SOT23-5
TOP VIEW
Packing type
TR: Tape and reel
TB: Tube
Pinout type
T11
T12
SS8051TXXXX
Example: SS8051T12TR
T12 pin configuration shipped in
tape and reel packing
VCC
SHDN
5
4
1
SW
2
3
GND
FB
VCC
SHDN
5
4
1
SW
2
3
GND
FB
SS8051T11
5
4
1
2
3
SS8051T12
5
4
1
2
3
ABSOLUTE MAXIMUM RATINGS
SW to GND…………………………………………………................……..-0.3V to +30V
FB to GND…………………………………………………….................…..-0.3V to VCC
VCC, SHDN to GND..................................................................................-0.3V to +7V
Operating Temperature Range............................................................. -40
°C to 85°C
Maximum Operating Junction Temperature.................................................... +125
°C
Storage Temperature Range .............................................................. -65
°C to 150°C
Maximum Lead Temperature (Soldering, 10sec)............................................ +300
°C
PIN CONFIGURATION
NAME
FUNCTION
SW
Switch Pin. The drain of the internal NMOS power switch. Connect this pin to inductor.
GND
Ground.
FB
Feedback Pin. Set the output voltage by selecting values for R1 and R2 (see Block Diagram):
R1 = R2
2
.
1
VOUT
-1
SHDN
Active-Low Shutdown Pin. Tie this pin to logic-high to enable the device or tie it to logic-low to turn the
device off.
VCC
Input Supply Pin. Bypass this pin with a capacitor as close to the device as possible.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com