Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8053G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8053G
Description  1.5A Ultra Low Dropout Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8053G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8053G Datasheet HTML 1Page - Silicon Standard Corp. SS8053G Datasheet HTML 2Page - Silicon Standard Corp. SS8053G Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.SiliconStandard.com
2 of 3
SS8053G
9/27/2006 Rev.1.01
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage………………………………….…………7V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature.…………………150°C
Storage Temperature Range.……..-65°C
<T
J < +150°C
Reflow Temperature (soldering, 10sec)…..…....260°C
Thermal Resistance Junction to Ambient.……141°C/W
Thermal Resistance Junction to Case…………..20.1°C/W
ESD Rating (Human Body Model)……….………….2kV
OPERATING CONDITIONS
(Note 1)
Input Voltage………………………………..…2.2V ~5.5V
Temperature Range………….………-40°C
<T
A < +85°C
ELECTRICAL CHARACTERISTICS
VIN =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C unless otherwise specified (Note 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
2.2
---
5.5
V
Output Voltage
VO
VIN=VO +0.7V, IO=10mA
-2
VO
2
%
Line Regulation
VO+0.7V < VIN < 5.5V, IO=10mA
---
0.2
2
%
Load Regulation
10mA < IO < 1.5A
---
0.8
2
%
Quiescent Current
IQ
VIN=3.3V
---
1.7
2.5
mA
Ripple Rejection
fi=120Hz, 1VP-P, IO=100mA
---
55
---
dB
Dropout Voltage
VD
IO=1.5A
---
0.5
0.65
V
Short Circuit Current
---
0.8
---
A
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, T
Jmax ; total thermal
resistance,
Q
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is (Tjmax-TA) /
QJA. If this dissipation is exceeded, the die temperature will rise above 150°C
and
the chip will go into thermal shutdown.
Note3: Low duty pulse techniques are used during test to maintain
the junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output
voltage differential at which the regu-
lator output no longer maintains regulation against fur-
ther reductions in input voltage. Measured when the
output drops 2% below its nominal value, dropout volt-
age is affected by junction temperature, load current
and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that
the average chip temperature is not significantly
affected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that
the average chip
temperature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will
still operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com