Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8061-15GTETR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8061-15GTETR
Description  1A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8061-15GTETR Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8061-15GTETR Datasheet HTML 1Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 2Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 3Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 4Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 5Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
6 of 6
SS8061G
1/21/2005 Rev.2.01
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
4.05
4.25
0.159
0.167
C
1.50
1.70
0.059
0.067
D
1.30
1.50
0.051
0.059
E
2.40
2.60
0.094
0.102
F
0.80
-----
0.031
-----
G
3.00 REF
0.118 REF
H
1.50 REF
0.059 REF
I
0.40
0.52
0.016
0.020
J
1.40
1.60
0.055
0.063
K
0.35
0.41
0.014
0.016
L
5º TYP
5º TYP
Taping Specification
PACKAGE
Q’TY/REEL
SOT-89-5
1,000 ea
Feed Direction
SOT-89-5 Package Orientation
Feed Direction
SOT-89-5 Package Orientation
I
H
G
B
E
F
D
C
A
I
H
G
B
E
F
D
C
A
L
K
J
L
K
J
PHYSICAL DIMENSIONS
SOT-89-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com