Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C75 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X68C75
Description  Port Expander and E2 Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X68C75 Datasheet HTML 9Page - Xicor Inc. X68C75 Datasheet HTML 10Page - Xicor Inc. X68C75 Datasheet HTML 11Page - Xicor Inc. X68C75 Datasheet HTML 12Page - Xicor Inc. X68C75 Datasheet HTML 13Page - Xicor Inc. X68C75 Datasheet HTML 14Page - Xicor Inc. X68C75 Datasheet HTML 15Page - Xicor Inc. X68C75 Datasheet HTML 16Page - Xicor Inc. X68C75 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
X68C75 SLIC® E2
X68C75 location E024H. The XSLIC software, a PC
based communication driver, automates changing of
the default parameters when using its SETUP option
menu. The boot-firmware (SLIC) residing on the X68C75
contains a lookup table which can be accessed from the
subroutine (EXEC_FUNC), located at location E120H.
Two bytes are used per table entry. The EXEC_FUNC
input requirements are as follows:
B = Contains a function number from the following
function table.
The table entry at location (E14E-E14FH) is reserved for
user’s application code. This function will be executed
on power-up if the SLIC receives any characters other
than those for the RESET (ASCII ‘R’), or ID (ASCII ‘X’)
commands. This table entry can be changed to point to
other code responsible for power-up initialization. This
method is preferred to changing the reset vector, since
the SLIC code can still be invoked upon power-up.
Other functions available through the EXEC_FUNC
calls are as follows:
the interrupt is enabled, an external interrupt will be
asserted at the completion of the internal write cycle.
The interrupt is cleared by setting EOW to “0”.
USING A PORT IN BIDIRECTIONAL MODE
In order to use a port in bidirectional mode, it has to be
configured as an open drain output port. Small pull-up
resistors are required on all port output pins. Bit positions
in the port data register corresponding to port inputs
should contain “1”. The inputs are then read by access-
ing PPR. Data is not latched into the device, so the inputs
must stay valid throughout the read cycle. The port
strobe pin is configured as an output and cannot be used
as port latch clock input.
SLIC FUNCTIONS (68HC11 Specific SLIC)
The resident SLIC E2 has designated memory spaces
allocated for its use. The user’s application code should
avoid using these areas as part of its code segment,
otherwise it will overwrite the SLIC E2. Version 3.0 of the
X68C75 SLIC E2 occupies 192 bytes in the upper
memory bank, FF00-FFC0H, and 336 bytes in the lower
bank’s address range E000-E14FH. Prior to download-
ing code, assemble and link the source files using the
above address information. Use memory space taken
up by the SLIC E2 as a run-time data storage, if there is
no further need to modify the X68C75 SLIC E2 content.
The current version of the SLIC E2 configures the 68HC11
serial port to the variable baud rate mode. It sets a timer
prescalar value for a system clock rate of 8MHz. For
other clock rates, the end user must recalculate timer 1
reload value for 9600 baud rate and write it into the
Figure 13.
SLIC
E000
E150
FF00
FFC0
SLIC
User’s Program/Data
2899 ILL F15
ISR & Reset Vectors
FFFF
FUNCTION NO.
DESCRIPTION
0 - PROC_PROG
Download and program a
page
1 - PROC_BPR
Program BPR
2 - RESET
Start execution from
location E000H
3 - PROC_VER
Download and verify a page
4 - DUMMY
Command not recognized
5 - INIT_UART
Initialize UART parameters
to default
6 - PROG_PG
Program a page
7 - SEND_CHAR
Send a character to the
UART
8 - GET_CHAR
Read a character from the
RAM receive buffer (40H-5FH)
9 - SDP_HI_PLANE
Generate SDP off sequence
for upper plane
10- SDP_LO_PLANE Generate SDP off sequence
for lower plane
11- USER_CODE
Execute user’s code
2899 PGM T03.2
Table 2.
For detailed information about the listed functions, in-
cluding their input requirements, refer to the SLIC soft-
ware specification document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com