Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C75PI Datasheet(PDF) 17 Page - Xicor Inc.

Part # X68C75PI
Description  Port Expander and E2 Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75PI Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X68C75PI Datasheet HTML 13Page - Xicor Inc. X68C75PI Datasheet HTML 14Page - Xicor Inc. X68C75PI Datasheet HTML 15Page - Xicor Inc. X68C75PI Datasheet HTML 16Page - Xicor Inc. X68C75PI Datasheet HTML 17Page - Xicor Inc. X68C75PI Datasheet HTML 18Page - Xicor Inc. X68C75PI Datasheet HTML 19Page - Xicor Inc. X68C75PI Datasheet HTML 20Page - Xicor Inc. X68C75PI Datasheet HTML 21Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
X68C75 SLIC® E2
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input and Output Timing Levels
1.5V
2899 PGM T09.1
EQUIVALENT A.C. TEST CIRCUIT
Note: (5)
This parameter is periodically sampled and not 100% tested.
E Controlled Read Cycle
E Controlled Read Cycle
No.
Symbol
Parameter
Min.
Max.
Units
1PWASH
Address Strobe Pulse Width
80
ns
2tASL
Address Setup Time
20
ns
3tAHL
Address Hold Time
30
ns
4tACC
Data Access Time
120
ns
5tDHR
Data Hold Time
0
ns
6tCSL
CE Setup Time
7
ns
7PWEH
E Pulse Width
150
ns
8tES
Enable Setup Time
30
ns
9tEH
E Hold Time
20
ns
10
tRWS
R/
W Setup Time
20
ns
11
tHZ(5)
E LOW to High Z Output
50
ns
2899 PGM T10.1
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
AS
A/D0–A/D7
A8–A12
R/W
AIN
DOUT
2899 ILL F21
CE
A8–A12
E
1
6
8
3
4
10
7
9
11
5
9
2
2899 ILL F20.2
5V
1.92K
Ω
100pF
OUTPUT
1.37K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com