Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8219GDTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS8219GDTR
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219GDTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS8219GDTR Datasheet HTML 2Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 3Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 4Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 5Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 6Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 7Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 8Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 9Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.SiliconStandard.com
7 of 10
12/10/2005 Rev.3.01
SS8219G
SE Termination Resistance Rse
vs. Vtpwr at T=24ºC; Vline=0V
105
107
109
111
113
115
3.5
4.5
5.5
Vtpwr
SE Termination Resistance Rse
vs. Vtpwr at Vline=0V
105
106
107
108
109
110
111
112
113
114
115
-20
0
20
40
60
80
100
Temperature(ºC)
SE Termination Resistance Rse
vs. Vtpwr at Vtpwr=5V; T=24ºC
105
107
109
111
113
115
0
1
23
Vline
Vref vs. Ivref at Vtpwr=5V
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
-250 -150 -50
50
150 250
350
Ivref(mA)
T=80ºC
T=-10ºC
Vref vs. Temperature at Ivref=0mA
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
-20
0
20
40
60
80
100
Temperature(ºC)
Vtpwr=5.8V
Vtpwr=3.8V
Vref vs. Vtpwr at T=24ºC
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
3.5
4.5
5.5
Vtpwr
Ivref=360mA
Ivref=-200mA
Ivref=0mA
Vtpwr=3.8V
Vtpwr=5.8V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com