Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88064PI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X88064PI
Description  E2 Micro-Peripheral
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88064PI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X88064PI Datasheet HTML 2Page - Xicor Inc. X88064PI Datasheet HTML 3Page - Xicor Inc. X88064PI Datasheet HTML 4Page - Xicor Inc. X88064PI Datasheet HTML 5Page - Xicor Inc. X88064PI Datasheet HTML 6Page - Xicor Inc. X88064PI Datasheet HTML 7Page - Xicor Inc. X88064PI Datasheet HTML 8Page - Xicor Inc. X88064PI Datasheet HTML 9Page - Xicor Inc. X88064PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
X88064
6
TOGGLE BIT POLLING
Because the X88064 typical nonvolatile write cycle time
is less than the specified 5ms, Toggle Bit Polling has
been provided to determine the early completion of write.
During the internal programming cycle I/O6 will toggle
from HIGH to LOW and LOW to HIGH on subsequent
attempts to read the device. When the internal cycle is
complete, the toggling will cease and the device will be
accessible for additional read or write operations.
Toggle Bit Polling RD/WR Control
Symbol Table
RD
LAST BYTE •
WRITTEN
CE
ALE
A/D0 –A/D7
A8–A12
WR
AIN
D IN
OPERATION
AIN
DOUT
AIN
DOUT
AIN
DOUT
AIN
D OUT
AIN
ADDR
I/O6=X
X88064 READ Y FOR
NEXT OPERATION
7023 FRM F05
I/O6=X
I/O6=X
I/O6=X
A12=n
A12=n
A12=n
A12=n
A12=n
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com