Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88C64PI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X88C64PI
Description  E2 Micro-Peripheral
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64PI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X88C64PI Datasheet HTML 2Page - Xicor Inc. X88C64PI Datasheet HTML 3Page - Xicor Inc. X88C64PI Datasheet HTML 4Page - Xicor Inc. X88C64PI Datasheet HTML 5Page - Xicor Inc. X88C64PI Datasheet HTML 6Page - Xicor Inc. X88C64PI Datasheet HTML 7Page - Xicor Inc. X88C64PI Datasheet HTML 8Page - Xicor Inc. X88C64PI Datasheet HTML 9Page - Xicor Inc. X88C64PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
X88C64
6
Toggle Bit Polling
RD/WR Control
TOGGLE BIT POLLING
Because the X88C64 typical nonvolatile write cycle time
is less than the specified 5ms, Toggle Bit Polling has
been provided to determine the early completion of
write. During the internal programming cycle I/O6 will
toggle from HIGH to LOW and LOW to HIGH on subse-
quent attempts to read the device. When the internal
cycle is complete, the toggling will cease and the device
will be accessible for additional read or write operations.
Due to the dual plane architecture, reads for polling
must occur in the plane that was written; that is, the state
of A12 during a write must match the state of A12 during
Toggle Bit Polling.
3867 FHD F09
RD
LAST BYTE
WRITTEN
CE
ALE
A/D0–A/D7
A8–A12
WR
AIN
DIN
A12=n
OPERATION
AIN DOUT
A12=n
AIN DOUT
A12=n
AIN DOUT
A12=n
AIN DOUT
A12=x
AIN
ADDR
I/O6=X
X88C64 READY FOR
NEXT OPERATION
I/O6=X
I/O6=X
I/O6=X
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com