Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88C64PI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X88C64PI
Description  E2 Micro-Peripheral
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64PI Datasheet(HTML) 9 Page - Xicor Inc.

  X88C64PI Datasheet HTML 1Page - Xicor Inc. X88C64PI Datasheet HTML 2Page - Xicor Inc. X88C64PI Datasheet HTML 3Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 3 page
background image
X88C64
9
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3867 PGM T08.1
Note:
(5) This parameter is periodically sampled and not 100% tested.
EQUIVALENT A.C. TEST CIRCUIT
PSEN Controlled Read Timing Diagram
3867 FHD F05
ALE
A/D0–A/D7
A8–A12
PSEN
AIN
tPLDV
DOUT
tPH
tPH
tLHLL
tAVLL
tLLAX
tPS
PWPL
ADDRESS
CE
tPLDX
tPHDZ
tPHDX
tELLL
PSEN Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tPLDV
PSEN Read Access Time
120
ns
tPHDX
Data Hold Time
0
ns
tELLL
Chip Enable Setup Time
7
ns
PWPL
PSEN Pulse Width
150
ns
tPS
PSEN Setup Time
30
ns
tPH
PSEN Hold Time
20
ns
tPHDZ (5)
PSEN Disable to Output in High Z
50
ns
tPLDX (5)
PSEN to Output in Low Z
10
ns
3867 PGM T09
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
3867 FHD F04.3
5V
1.92K
Ω
100pF
OUTPUT
1.37K
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com