Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88C64PI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X88C64PI
Description  E2 Micro-Peripheral
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64PI Datasheet(HTML) 3 Page - Xicor Inc.

  X88C64PI Datasheet HTML 1Page - Xicor Inc. X88C64PI Datasheet HTML 2Page - Xicor Inc. X88C64PI Datasheet HTML 3Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
X88C64
3
PRINCIPLES OF OPERATION
The X88C64 is a highly integrated peripheral device for
a wide variety of single-chip microcontrollers. The
X88C64 provides 8K bytes of E2PROM which can be
used either for Program Storage, Data Storage, or a
combination of both in systems based upon Harvard
(80XX) architectures. The X88C64 incorporates the
interface circuitry normally needed to decode the control
signals and demultiplex the Address/Data bus to pro-
vide a “Seamless” interface.
The interface inputs on the X88C64 are configured such
that it is possible to directly connect them to the proper
interface signals of the appropriate single-chip
microcontroller. In the Harvard type system, the reading
of data from the chip is controlled either by the
PSEN or
the
RD signal, which essentially maps the X88C64 into
both the Program and the Data Memory address map.
The X88C64 is internally organized as two independent
planes of 4K bytes of memory with the A12 input select-
ing which of the two planes of memory are to be
accessed. While the processor is executing code out of
one plane, write operations can take place in the other
plane, allowing the processor to continue execution of
code out of the X88C64 during a byte or page write to the
device.
The X88C64 also features an advanced implementation
of the Software Data Protection scheme, called Block
Protect, which allows the device to be broken into 8
independent sections of 1K bytes. Each of these sec-
tions can be independently enabled for write operations;
thereby allowing certain sections of the device to be
secured so that updates can only occur in a controlled
environment (e.g. in an automotive application, only at
an authorized service center). The desired set-up con-
figuration is stored in a nonvolatile register, ensuring the
configuration data will be maintained after the device is
powered down.
The X88C64 also features a Write Control input (
WC),
which serves as an external control over the completion
of a previously initiated page load cycle.
The X88C64 also features the industry standard
E2PROM characteristics such as byte or page mode
write and Toggle Bit Polling.
DEVICE OPERATION
MODES
Mixed Program/Data Memory
By properly assigning the address spaces, a single
X88C64 can be used as both the Program and Data
Memory. This would be accomplished by connecting all
of the 8051 control outputs to the corresponding inputs
of the X88C64.
In this configuration, one plane of memory could be
dedicated to Program Storage and the other plane
dedicated to Data Storage. The Data Storage can be
fully protected by enabling block protect write lockout.
Program Memory Mode
This mode of operation is read-only. The
PSEN and ALE
inputs of the X88C64 are tied directly to the
PSEN and
ALE outputs of the microcontroller. The
RD and WR
inputs are tied HIGH.
When ALE is HIGH, the A/D0–A/D7 and A8–A12 ad-
dresses flow into the device. The addresses, both low
and high order, are latched when ALE transitions LOW
(VIL). PSEN will then go LOW and after tPLDV, valid data
is presented on the A/D0–A/D7 pins. CE must be LOW
during the entire operation.
3867 FHD F03
TYPICAL APPLICATION
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
PSEN
ALE
RD
WR
P2.7
39
38
37
36
35
34
33
32
21
22
23
24
25
29
30
17
16
7
8
9
10
11
13
14
15
21
20
17
19
2
5
6
22
18
23
16
A/D0
A/D1
A/D2
A/D3
A/D4
A/D5
A/D6
A/D7
A8
A9
A10
A11
A12
WC
PSEN
ALE
RD
WR
CE
VCC
24
X1
X2
EA/VP
31
19
18
X88C64
80C31



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com