Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM28G45EM Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM28G45EM
Description  N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM28G45EM Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM28G45EM Datasheet HTML 1Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 2Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 3Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SiliconStandard.com
3 of 4
SSM28G45EM
9/21/2004 Rev.2.01
Fig 7. Typical Capacitance Characterisitics
Fig 8. Maximum Pulse Collector Current
Fig 9. Switching Time Test Circuit
Fig 10. Switching Time Waveform
Fig 11. Gate Charge Test Circuit
Fig 12. Gate Charge Waveform
td(on) tr
td(off) tf
VCE
VGE
10%
90%
TO THE
OSCILLOSCOPE
-
+
5V
C
G
E
VCE
VGE
RG
RC
VCC=200 V
10
100
1000
10000
1
5
9
13
1721
2529
V CE , Collector-Emitter Voltage (V))
f=1.0MHz
Cies
Coes
Cres
VCC=360V
TO THE
OSCILLOSCOPE
-
+
C
G
VCE
VGE
IC
IG
1~3mA
E
0
2
4
6
8
10
12
0
40
80
120
160
200
Q G , Gate Charge (nC)
I CP =40A
V CE =360V
0
40
80
120
160
0
2
4
6
8
V GE , Gate-to-Emitter Voltage (V)
T A =25
o C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com