Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM75T10GS Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM75T10GS
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM75T10GS Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM75T10GS Datasheet HTML 1Page - Silicon Standard Corp. SSM75T10GS Datasheet HTML 2Page - Silicon Standard Corp. SSM75T10GS Datasheet HTML 3Page - Silicon Standard Corp. SSM75T10GS Datasheet HTML 4Page - Silicon Standard Corp. SSM75T10GS Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SSM75T10GP,S
2/16/2005 Rev.1.1
ELECTRICAL CHARACTERISTICS @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
100
-
-
V
∆BV
DSS/
∆Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=1mA
-
0.09
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=30A
-
-
15
m
Ω
VGS=4.5V, ID=16A
-
-
21
m
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=30A
-
52
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=100V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=80V ,VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS= ±20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=30A
-
69
110.4
nC
Qgs
Gate-Source Charge
VDS=80V
-
12
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
39
-
nC
td(on)
Turn-on Delay Time
2
VDS=50V
-
12
-
ns
tr
Rise Time
ID=30A
-
75
-
ns
td(off)
Turn-off Delay Time
RG=10Ω , VGS=10V
-
220
-
ns
tf
Fall Time
RD=1.6Ω
-
250
-
ns
Ciss
Input Capacitance
VGS=0V
-
5690
9100
pF
Coss
Output Capacitance
VDS=25V
-
540
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
310
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.1
-
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=30A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=30A, VGS=0V
-
51
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
74
-
nC
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com