Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM95T06GP Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM95T06GP
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM95T06GP Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM95T06GP Datasheet HTML 1Page - Silicon Standard Corp. SSM95T06GP Datasheet HTML 2Page - Silicon Standard Corp. SSM95T06GP Datasheet HTML 3Page - Silicon Standard Corp. SSM95T06GP Datasheet HTML 4Page - Silicon Standard Corp. SSM95T06GP Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SSM95T06GP,S
2/16/2005 Rev.1.10
Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
60
-
-
V
∆BV
DSS/
∆Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=1mA
-
0.05
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=45A
-
-
8.5
m
Ω
VGS=4.5V, ID=20A
-
-
12
m
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=45A
-
72
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=60V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=48V ,VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS= ±20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=45A
-
72
115
nC
Qgs
Gate-Source Charge
VDS=48V
-
16
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
53
-
nC
td(on)
Turn-on Delay Time
2
VDS=30V
-
20
-
ns
tr
Rise Time
ID=45A
-
76
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω , VGS=10V
-
67
-
ns
tf
Fall Time
RD=0.67Ω
-
109
-
ns
Ciss
Input Capacitance
VGS=0V
-
5700
9200
pF
Coss
Output Capacitance
VDS=25V
-
900
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
560
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.1
1.7
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=45A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=20A, VGS=0V
-
40
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
60
-
nC
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
3.The maximum current is limited by the package to 75A .
4.Starting Tj=25
oC , V
DD=30V , L=1mH , RG=25Ω , IAS=30A.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com